Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T87C5101 Datasheet (PDF) - TEMIC Semiconductors

T87C5101 Datasheet PDF - TEMIC Semiconductors
Part # T87C5101
Download  T87C5101 Download
File Size   243.85 Kbytes
Page   52 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 8-bit Low pin count Microcontrollers, 0-66 MHz

T87C5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
T87C5101 Datasheet PDF - TEMIC Semiconductors

Part # T87C5101
Download  T87C5101 Click to download

File Size   243.85 Kbytes
Page   52 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 8-bit Low pin count Microcontrollers, 0-66 MHz

T87C5101 Datasheet (HTML) - TEMIC Semiconductors


T87C5101 Product details

Description
TEMIC T8xC5101/02 family is a high performance CMOS ROM, OTP, EPROM derivative of the 80C51 CMOS single chip 8-bit microcontroller.

Features
● 80C51 code Compatible
    • 8051 instruction compatible
    • 16 I/O + 2 Outputs in 24 pin packages
      16 I/O + 6 Outputs in 28 pin packages
    • Three 16-bit timer/counters
    • 256 bytes scratchpad RAM
● Program Memory
    • 8Kb ROM T83C5102
    • 16Kb ROM T83C5101
    • 16Kb EPROM/OTP T87C5101
● High-Speed Architecture
    • 40 MHz from 2.7 to 5.5V, commercial or industrial temperature range :
        - 40 MHz with a 40 MHz crystal in std mode
        - 40 MHz with a 20 MHz crystal in X2 mode
    • 66 MHz from 4.5 to 5.5V, commercial temperature range
        - 40MHz with a 40 MHz crystal in std mode
        - 66MHz with a 33MHz crystal in X2 mode
● Dual Data Pointer
● On-chip eXpanded RAM (XRAM) (256 bytes)
● Programmable Clock Out and Up/Down Timer/ Counter 2
● Asynchronous port reset
● Interrupt Structure with
    • 6 Interrupt sources,
    • 4 level priority interrupt system
● Full duplex Enhanced UART
    • Framing error detection
    • Automatic address recognition
● Low EMI (no ALE)
● Power Control modes
    • Idle mode
    • Power-down mode
● Packages: SO24, DIL24, TSSOP24*, SO28*
    * check for availability




Similar Part No. - T87C5101

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101 Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
T87C5101 ATMEL-T87C5101 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T87C5101 ATMEL-T87C5101 Datasheet
48Kb / 3P
ART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
T87C5101-ICFCL ATMEL-T87C5101-ICFCL Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
T87C5101-ICFCL ATMEL-T87C5101-ICFCL Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
More results


Similar Description - T87C5101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
Low-pin Count 8-bit Microcontroller
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
Low-pin Count 8-bit Microcontroller
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com