Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-LICAL-MS Datasheet (PDF) - List of Unclassifed Manufacturers

MDEV-LICAL-MS Datasheet PDF - List of Unclassifed Manufacturers
Part # MDEV-LICAL-MS
Download  MDEV-LICAL-MS Download
File Size   199.69 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description MS SERIES ENCODER DATA GUIDE

MDEV-LICAL-MS Datasheet (PDF)

Go To PDF Page Download Datasheet
MDEV-LICAL-MS Datasheet PDF - List of Unclassifed Manufacturers

Part # MDEV-LICAL-MS
Download  MDEV-LICAL-MS Click to download

File Size   199.69 Kbytes
Page   7 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description MS SERIES ENCODER DATA GUIDE

MDEV-LICAL-MS Datasheet (HTML) - List of Unclassifed Manufacturers


MDEV-LICAL-MS Product details

[Linx Technologies]

Description
MS Series encoders and decoders are designed for remote control applications. They allow the status of up to eight buttons or contacts to be securely transferred via a wireless link. The large, twenty-four bit address size makes transmissions highly unique, minimizing the possibility of multiple devices having conflicting addresses.

Features
•  Secure 224 possible addresses
•  8 data lines
•  Low 2.0 to 5.5V operating voltage
•  Low supply current (370µA @ 3V)
•  Ultra-low 0.1µA standby current
•  Definable recognition authority
•  True serial encoding
•  Excellent noise immunity
•  Selectable baud rates
•  No programmer required
•  Direct serial interface
•  Small SMD package
•  Latched or momentary outputs
•  Encoder ID output by decoder

Applications
•  Keyless entry
•  Door and gate openers
•  Security systems
•  Remote device control
•  Car alarms / starters
•  Home / industrial automation
•  Remote status monitoring
•  Lighting control




Similar Part No. - MDEV-LICAL-MS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
MDEV-LICAL-MS LINX-MDEV-LICAL-MS Datasheet
3Mb / 11P
MS Series Master Development System
2015
MDEV-LICAL-MS LINX-MDEV-LICAL-MS Datasheet
888Kb / 11P
MS Series Remote Control Decoder
2015
MDEV-LICAL-MS LINX-MDEV-LICAL-MS Datasheet
951Kb / 11P
MS Series Remote Control Encoder
2015
MDEV-LICAL-MS-ES LINX-MDEV-LICAL-MS-ES Datasheet
3Mb / 11P
MS Series Master Development System
2015
More results


Similar Description - MDEV-LICAL-MS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LICAL-ENC-HS0011 ETC2-LICAL-ENC-HS0011 Datasheet
392Kb / 9P
HS SERIES ENCODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
TXE-315-KH ETC2-TXE-315-KH_06 Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
LS SERIES ENCODER / DECODER DATA GUIDE
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
TXE-315-KH2 ETC2-TXE-315-KH2 Datasheet
451Kb / 11P
KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
TXM-869-ES ETC2-TXM-869-ES Datasheet
333Kb / 11P
ES SERIES TRANSMITTER DATA GUIDE
logo
Linx Technologies
LICAL-ENC-MS001 LINX-LICAL-ENC-MS001 Datasheet
951Kb / 11P
MS Series Remote Control Encoder
2015
TXE-FFF-KH2 LINX-TXE-FFF-KH2 Datasheet
559Kb / 11P
KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
9/27/11
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com