Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1509 Datasheet (PDF) - Sanyo Semicon Device

2SA1509 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1509
Download  2SA1509 Download
File Size   314.37 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description SWITCHING APPLICATIONS WITH BIAS RESISTANCE

2SA1509 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1509 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1509
Download  2SA1509 Click to download

File Size   314.37 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description SWITCHING APPLICATIONS WITH BIAS RESISTANCE

2SA1509 Datasheet (HTML) - Sanyo Semicon Device


2SA1509 Product details

Switching Applications (with Bias Resistance)

Features
• On-chip bias resistance : R1 = 47kΩ
• Small-sized package : SPA

Applications
• Switching circuits, inverter circuits, interface circuits, driver circuits




Similar Part No. - 2SA1509

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1502 SANYO-2SA1502 Datasheet
334Kb / 5P
PNP/ NPN EPITAXIAL PLANAR SILICON TRANSISTORS
2SA1507 SANYO-2SA1507 Datasheet
130Kb / 4P
160V/1.5A Switching Applications
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
2SA1507 SANYO-2SA1507 Datasheet
437Kb / 7P
160V / 1.5A Switching Applications
More results


Similar Description - 2SA1509

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1348 SANYO-2SA1348 Datasheet
88Kb / 2P
Switching Applications(with Bias Resistance)
2SA1518 SANYO-2SA1518 Datasheet
58Kb / 2P
Switching Applications(with Bias Resistance)
2SA1519 SANYO-2SA1519 Datasheet
58Kb / 2P
Switching Applications(with Bias Resistance)
2SA1523 SANYO-2SA1523 Datasheet
57Kb / 2P
Switching Applications(with Bias Resistance)
2SA1525 SANYO-2SA1525 Datasheet
59Kb / 2P
Switching Applications(with Bias Resistance)
2SA1526 SANYO-2SA1526 Datasheet
57Kb / 2P
Switching Applications(with Bias Resistance)
2SA1527 SANYO-2SA1527 Datasheet
58Kb / 2P
Switching Applications(with Bias Resistance)
2SA1528 SANYO-2SA1528 Datasheet
59Kb / 2P
Switching Applications(with Bias Resistance)
2SA1529 SANYO-2SA1529 Datasheet
58Kb / 2P
Switching Applications(with Bias Resistance)
logo
List of Unclassifed Man...
2SC4112 ETC-2SC4112 Datasheet
76Kb / 1P
Switching Applications(with Bias Resistance)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com