Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVXC3245 Datasheet (PDF) - STMicroelectronics

74LVXC3245 Datasheet PDF - STMicroelectronics
Part # 74LVXC3245
Download  74LVXC3245 Download
File Size   345.6 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL DUAL SUPPLY BUS TRANSCEIVER

74LVXC3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVXC3245 Datasheet PDF - STMicroelectronics

Part # 74LVXC3245
Download  74LVXC3245 Click to download

File Size   345.6 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL DUAL SUPPLY BUS TRANSCEIVER

74LVXC3245 Datasheet (HTML) - STMicroelectronics


74LVXC3245 Product details

DESCRIPTION
The 74LVXC3245 is a dual supply 8 bit configurable low voltage CMOS OCTAL BUS TRANSCEIVER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. Designed for use as an interface between a 3.3V bus and a 3.3V to 5V bus in a mixed 3.3V/5V supply systems, it achieves high speed operation while maintaining the CMOS low power dissipation.
This IC is intended for two-way asynchronous communication between data buses and the direction of data transmission is determined by DIR input. The enable input G can be used to disable the device so that the buses are effectively isolated.
The A-port interfaces with the 3V bus, the B-port with the 5V bus.
All inputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED:
   tPD = 8ns (MAX.) at TA=25°C
   VCCA = 3.3V, VCCB = 5.0V
■ LOW POWER DISSIPATION:
   ICCA = ICCB = 5µA(MAX.) at TA=25°C
■ LOW NOISE: VOLP =0.3V (TYP.) at VCCA=3.3V
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCCA(OPR) = 2.7V to 3.6V (1.2V Data Retention)
   VCCB(OPR) = 2.7V to 5.5V (1.2V Data Retention)
   PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES C3245
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVXC3245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
70Kb / 8P
8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245 ONSEMI-74LVXC3245 Datasheet
511Kb / 11P
8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
70Kb / 8P
8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
81Kb / 8P
8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results


Similar Description - 74LVXC3245

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
OCTAL DUAL SUPPLY BUS TRANSCEIVER
Jul-2001
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
OCTAL DUAL SUPPLY BUS TRANSCEIVER
27-Aug-2004
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
OCTAL DUAL SUPPLY BUS TRANSCEIVER
Jul-2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
OCTAL DUAL SUPPLY BUS TRANSCEIVER
27-Aug-2004
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
OCTAL DUAL SUPPLY BUS TRANSCEIVER
27-Aug-2004
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com