Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813215MT Datasheet (PDF) - STMicroelectronics

PSD813215MT Datasheet PDF - STMicroelectronics
Part # PSD813215MT
Download  PSD813215MT Download
File Size   1180.57 Kbytes
Page   103 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash In-System Programmable ISP Peripherals For 8-bit MCUs

PSD813215MT Datasheet (PDF)

Go To PDF Page Download Datasheet
PSD813215MT Datasheet PDF - STMicroelectronics

Part # PSD813215MT
Download  PSD813215MT Click to download

File Size   1180.57 Kbytes
Page   103 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash In-System Programmable ISP Peripherals For 8-bit MCUs

PSD813215MT Datasheet (HTML) - STMicroelectronics


PSD813215MT Product details

Summary description
The PSD8XXFX family of memory systems for microcontrollers (MCUs) brings in-system-programmability (ISP) to Flash memory and programmable logic. The result is a simple and flexible solution for embedded designs. PSD devices combine many of the peripheral functions found in MCU based applications.
   
Features
■ Flash in-system programmable (ISP) peripheral for 8-bit MCUs
■ Dual bank Flash memories
    – Up to 2 Mbit of primary Flash memory (8 uniform sectors, 32K x8)
    – Up to 256 Kbit secondary Flash memory (4 uniform sectors)
    – Concurrent operation: read from one memory while erasing and writing the other
■ Up to 256 Kbit SRAM
■ 27 reconfigurable I/Oports
■ Enhanced JTAG serial port
■ PLD with macrocells
    – Over 3000 gates of PLD: CPLD and DPLD
    – CPLD with 16 output macrocells (OMCs) and 24 input macrocells (IMCs)
    – DPLD - user defined internal chip select decoding
■ 27 individually configurable I/O port pins
   They can be used for the following functions:
    – MCU I/Os
    – PLD I/Os
    – Latched MCU address output
    – Special function I/Os.
    – 16 of the I/O ports may be configured as  open-drain outputs.
■ In-system programming (ISP) with JTAG
    – Built-in JTAG compliant serial port allows full-chip in-system programmability
    – Efficient manufacturing allow easy product testing and programming
    – Use low cost FlashLINK cable with PC
■ Page register
    – Internal page register that can be used to expand the microcontroller address space by a factor of 256 
■ Programmable power management
■ Packages are ECOPACK®




Similar Part No. - PSD813215MT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD8131A-12J1T STMICROELECTRONICS-PSD8131A-12J1T Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
PSD8131A-12JT STMICROELECTRONICS-PSD8131A-12JT Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
PSD8131A-12M1T STMICROELECTRONICS-PSD8131A-12M1T Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
PSD8131A-12MT STMICROELECTRONICS-PSD8131A-12MT Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
PSD8131A-12U1T STMICROELECTRONICS-PSD8131A-12U1T Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
More results


Similar Description - PSD813215MT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
14-Dec-2001
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
Jun-2004
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
06-Dec-2002
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
02-Oct-2008
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
05-May-2009
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
05-May-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com