Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C1161024L Datasheet (PDF) - Mosel Vitelic, Corp

V62C1161024L Datasheet PDF - Mosel Vitelic, Corp
Part # V62C1161024L
Download  V62C1161024L Download
File Size   119.43 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 64K x 16 CMOS SRAM

V62C1161024L Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C1161024L Datasheet PDF - Mosel Vitelic, Corp

Part # V62C1161024L
Download  V62C1161024L Click to download

File Size   119.43 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 64K x 16 CMOS SRAM

V62C1161024L Datasheet (HTML) - Mosel Vitelic, Corp


V62C1161024L Product details

Functional Description
The V62C1161024L is a Low Power CMOS Static RAM organized as 65,536 words by 16 bits. Easy memory expansion is provided by an active LOW (CE) and (OE) pin.

Features
• Ultra Low-power consumption
    - Active: 30mA ICC at 70ns
    - Stand-by: 5 μA (CMOS input/output) 1 μA (CMOS input/output, L version)
• 70/85/100/120 ns access time
• Equal access and cycle time
• Single +1.8V to 2.2V Power Supply
• Tri-state output
• Automatic power-down when deselected
• Multiple center power and ground pins for improved noise immunity
• Individual byte controls for both Read and Write cycles
• Available in 44 pin TSOP (II) Package




Similar Part No. - V62C1161024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
V62C1162048L-100B MOSEL-V62C1162048L-100B Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
V62C1162048L-100M MOSEL-V62C1162048L-100M Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
V62C1162048L-100T MOSEL-V62C1162048L-100T Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
V62C1162048L-120B MOSEL-V62C1162048L-120B Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
More results


Similar Description - V62C1161024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
Ultra Low Power CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
Ultra Low Power CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
64K X 16 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com