Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX157 Datasheet (PDF) - STMicroelectronics

74LCX157 Datasheet PDF - STMicroelectronics
Part # 74LCX157
Download  74LCX157 Download
File Size   321.57 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs

74LCX157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX157 Datasheet PDF - STMicroelectronics

Part # 74LCX157
Download  74LCX157 Click to download

File Size   321.57 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs

74LCX157 Datasheet (HTML) - STMicroelectronics


74LCX157 Product details

DESCRIPTION
The 74LCX157 is a low voltage CMOS QUAD 2 CHANNEL MULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for inputs.
   
■ 5V TOLERANT INPUTS
■ HIGH SPEED :
    tPD = 6.0ns (MAX.) at VCC = 3V
■ POWER DOWN PROTECTION ON INPUTS
    AND OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 24mA (MIN) at VCC = 3V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2.0V to 3.6V (1.5V Data
    Retention)
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 157
■ LATCH-UP PERFORMANCE EXCEEDS
    500mA (JESD 17)
■ ESD PERFORMANCE:
    HBM > 2000V (MIL STD 883 method 3015);
    MM > 200V
   




Similar Part No. - 74LCX157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX157 FAIRCHILD-74LCX157 Datasheet
99Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Toshiba Semiconductor
74LCX157FT TOSHIBA-74LCX157FT Datasheet
189Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-15 Rev.2.0
logo
Fairchild Semiconductor
74LCX157M FAIRCHILD-74LCX157M Datasheet
99Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157M ONSEMI-74LCX157M Datasheet
342Kb / 12P
Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
More results


Similar Description - 74LCX157

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX157 FAIRCHILD-74LCX157 Datasheet
99Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
15-Sep-2004
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
Jul-2001
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
Jul-2001
74LVX157 STMICROELECTRONICS-74LVX157_04 Datasheet
269Kb / 12P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com