Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA-F Datasheet (PDF) - Mini-Circuits

SMA-F Datasheet PDF - Mini-Circuits
Part # SMA-F
Download  SMA-F Download
File Size   132.11 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial Adapter, SMA-F to SMA-F

SMA-F Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA-F Datasheet PDF - Mini-Circuits

Part # SMA-F
Download  SMA-F Click to download

File Size   132.11 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial Adapter, SMA-F to SMA-F

SMA-F Datasheet (HTML) - Mini-Circuits


SMA-F Product details

Features
• flat response
• excellent VSWR, 1.10:1 typ. up to 12.4 GHz and 1.15:1 typ. up to 18 GHz
• low cost adapters, available from stock
• rugged stainless steel body, gold plated

Applications
• interconnection of RF cables and equipment




Similar Part No. - SMA-F

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
SMA-2164 NI-SMA-2164 Datasheet
635Kb / 19P
NI SMA-2164/2165 Test Fixture Differential Digital I/O Accessory
Oct11
SMA-2165 NI-SMA-2165 Datasheet
635Kb / 19P
NI SMA-2164/2165 Test Fixture Differential Digital I/O Accessory
Oct11
logo
Mitel Networks Corporat...
SMA-2A MITEL-SMA-2A Datasheet
193Kb / 10P
High-Performance LED(Baseband Video)
SMA-2A MITEL-SMA-2A Datasheet
194Kb / 10P
High-Performance LED(FM and Baseband Video)
SMA-2A MITEL-SMA-2A Datasheet
182Kb / 9P
High-Performance LED(Baseband Video)
More results


Similar Description - SMA-F

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Winchester Electronics ...
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
TRU-11256 WINCHESTER-TRU-11256 Datasheet
56Kb / 1P
CONNECTOR, COAXIAL 2.4mm(m) to SMA(f) ADAPTER
logo
Mini-Circuits
SF-SMRP50 MINI-SF-SMRP50 Datasheet
215Kb / 2P
Adapter SMA-F to SMA-MRP
SMPF-SF50 MINI-SMPF-SF50 Datasheet
204Kb / 2P
Adapter SMP-F to SMA-F
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
SF-SFRP50 MINI-SF-SFRP50 Datasheet
325Kb / 2P
Adapter SMA-F to SMA-FRP
logo
PHOENIX CONTACT
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
logo
Amphenol SV Microwave
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
SMA F TO SMA F STR. ADAPTER
04/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com