Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16244 Datasheet (PDF) - STMicroelectronics

74ALVCH16244 Datasheet PDF - STMicroelectronics
Part # 74ALVCH16244
Download  74ALVCH16244 Download
File Size   224.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS

74ALVCH16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16244 Datasheet PDF - STMicroelectronics

Part # 74ALVCH16244
Download  74ALVCH16244 Click to download

File Size   224.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS

74ALVCH16244 Datasheet (HTML) - STMicroelectronics


74ALVCH16244 Product details

DESCRIPTION
The 74ALVCH16244 is a low voltage CMOS 16 BIT BUS BUFFER (NON INVERTED) fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for low power and very high speed 1.65 to 3.6V applications; it can be interfaced to 3.6V signal environment for both inputs and outputs.
Any nG output control governs four BUS BUFFERS. Output Enable input (nG) tied together gives full 16-bit operation.
When nG is LOW, the outputs are enabled. When nG is HIGH, the output are in high impedance state.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level. This device is designed to be used with 3 state memory address drivers, etc.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ 3.6V TOLERANT INPUTS AND OUTPUTS
■ HIGH SPEED :
   tPD = 3.0 ns (MAX.) at VCC = 3.0 to 3.6V
   tPD = 3.7 ns (MAX.) at VCC = 2.3 to 2.7V
   tPD = 5.1 ns (MAX.) at VCC = 1.65V
■ POWER DOWN PROTECTION ON INPUTS AND OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN) at VCC = 3.0V
   |IOH| = IOL = 12mA (MIN) at VCC = 2.3V
   |IOH| = IOL = 4mA (MIN) at VCC = 1.65V
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 1.65V to 3.6V
■ BUS HOLD PROVIDED ON DATA INPUTS
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16244
■ LATCH-UP PERFORMANCE EXCEEDS 300mA (JESD 17)
■ ESD PERFORMANCE:
   HBM > 2000V (MIL STD 883 method 3015);
   MM > 200V




Similar Part No. - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
logo
Integrated Device Techn...
74ALVCH16244BF IDT-74ALVCH16244BF Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
74ALVCH16244BFG IDT-74ALVCH16244BFG Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
More results


Similar Description - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
17-May-2005
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com