Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX16240 Datasheet (PDF) - STMicroelectronics

74LCX16240 Datasheet PDF - STMicroelectronics
Part # 74LCX16240
Download  74LCX16240 Download
File Size   239.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs

74LCX16240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX16240 Datasheet PDF - STMicroelectronics

Part # 74LCX16240
Download  74LCX16240 Click to download

File Size   239.1 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs

74LCX16240 Datasheet (HTML) - STMicroelectronics


74LCX16240 Product details

Description
The 74LCX16240 is a low voltage CMOS 16 BIT BUS BUFFER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs.
   
Features
■ 5V tolerant inputs and outputs
■ High speed:
    – tPD = 4.5ns (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
    – |IOH| = IOL = 24mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 24mA
■ Balanced propagation delays: – tPLH ≅ tPHL
■ Operating voltage range:
    – VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
    74 series 16240
■ Latch-up performance exceeds
    500mA (JESD 17)
■ ESD performance:
    – HBM > 2000V
        (MIL STD 883 method 3015); MM > 200V
   




Similar Part No. - 74LCX16240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16240 FAIRCHILD-74LCX16240 Datasheet
106Kb / 8P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
logo
ON Semiconductor
74LCX16240 ONSEMI-74LCX16240 Datasheet
213Kb / 10P
Low Voltage 16-Bit Inverting Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCX16240MEA FAIRCHILD-74LCX16240MEA Datasheet
106Kb / 8P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
logo
ON Semiconductor
74LCX16240MEA ONSEMI-74LCX16240MEA Datasheet
213Kb / 10P
Low Voltage 16-Bit Inverting Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCX16240MTD FAIRCHILD-74LCX16240MTD Datasheet
106Kb / 8P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
More results


Similar Description - 74LCX16240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX16541 STMICROELECTRONICS-74LCX16541 Datasheet
156Kb / 9P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
Feb-2003
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
06-Feb-2007
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
13-Jul-2006
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Feb-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com