Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C1802048L Datasheet (PDF) - Mosel Vitelic, Corp

V62C1802048L Datasheet PDF - Mosel Vitelic, Corp
Part # V62C1802048L
Download  V62C1802048L Download
File Size   84.31 Kbytes
Page   9 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 256K x 8 CMOS SRAM

V62C1802048L Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C1802048L Datasheet PDF - Mosel Vitelic, Corp

Part # V62C1802048L
Download  V62C1802048L Click to download

File Size   84.31 Kbytes
Page   9 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 256K x 8 CMOS SRAM

V62C1802048L Datasheet (HTML) - Mosel Vitelic, Corp


V62C1802048L Product details

Functional Description
The V62C1802048L is a low power CMOS Static RAM organized as 262,144 words by 8 bits.
   
Features
• Low-power consumption
    - Active: 25mA at 70ns
    - Stand-by: 10 μA (CMOS input/output)
                       2 μA CMOS input/output, L version
• Single + 1.8 to 2.2V Power Supply
• Equal access and cycle time
• 70/85/100/150 ns access time
• Easy memory expansion with CE1, CE2
    and OE inputs
• 1.0V data retention mode
• TTL compatible, Tri-state input/output
• Automatic power-down when deselected
• Package available: 32-TSOP1 / STSOP
   




Similar Part No. - V62C1802048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100B MOSEL-V62C1801024L-100B Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100T MOSEL-V62C1801024L-100T Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-100V MOSEL-V62C1801024L-100V Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L-150B MOSEL-V62C1801024L-150B Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
More results


Similar Description - V62C1802048L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
Ultra Low Power 256K x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
Low Power CMOS SRAM 256K X 8 Bits
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
256K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com