Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS051 Datasheet (PDF) - STMicroelectronics

STLVDS051 Datasheet PDF - STMicroelectronics
Part # STLVDS051
Download  STLVDS051 Download
File Size   283.58 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS

STLVDS051 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS051 Datasheet PDF - STMicroelectronics

Part # STLVDS051
Download  STLVDS051 Click to download

File Size   283.58 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS

STLVDS051 Datasheet (HTML) - STMicroelectronics


STLVDS051 Product details

DESCRIPTION
The STLVDS051 is differential line drivers and receivers that use low-voltage differential signaling (LVDS) to achieve signaling rate as high as 400Mbps.
The EIA/TIA-644 standard compliant electrical interface provides a minimum differential output voltage magnitude of 247 mV into a 100 Ω load and receipt of 100 mV signals with up to 1 V of ground potential difference between a transmitter and receiver.
The intended application of this device an signaling technique is for point-to-point baseband data transmission over controlled impedance media of approximately 100 Ω characteristic impedance.
The transmission media may be printed-circuit board traces, backplanes, or cables. (Note: The ultimate rate and distance of data transfer is dependent upon the attenuation characteristics of the media, the noise coupling to the environment, and other application specific characteristics).

■ MEETS OR EXCEED THE REQUIREMENTS OF ANSI EIA/TIA-644-1995 STANDARD
■ SIGNALING RATES UP TO 400Mbit/s
■ BUS TERMINAL ESD EXCEEDS 6KV
■ OPERATES FROM A SINGLE 3.3V SUPPLY
■ LOW-VOLTAGE DIFFERENTIAL SIGNALING WITH TYPICAL OUTPUT VOLTAGE OF 350mV AND A 100Ω LOAD
■ PROPAGATION DELAY TIMES:
   DRIVER: 2ns (TYP)
   RECEIVER: 3ns (TYP)
■ POWER DISSIPATION AT 200MHz:
   DRIVER: 25mW (TYP)
   RECEIVER: 60mW (TYP)
■ LVTTL INPUT LEVELS ARE 5V TOLERANT
■ RECEIVER HAS OPEN-CIRUIT FAIL-SAFE




Similar Part No. - STLVDS051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BD STMICROELECTRONICS-STLVDS050BD Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BDR STMICROELECTRONICS-STLVDS050BDR Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BTR STMICROELECTRONICS-STLVDS050BTR Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
More results


Similar Description - STLVDS051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180-Q1 TI1-SN65LVDS180-Q1 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
High-Speed Differential Line Drivers and Receivers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com