Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4072M1R Datasheet (PDF) - STMicroelectronics

M74HC4072M1R Datasheet PDF - STMicroelectronics
Part # M74HC4072M1R
Download  M74HC4072M1R Download
File Size   193.59 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT OR GATE

M74HC4072M1R Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4072M1R Datasheet PDF - STMicroelectronics

Part # M74HC4072M1R
Download  M74HC4072M1R Click to download

File Size   193.59 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 4-INPUT OR GATE

M74HC4072M1R Datasheet (HTML) - STMicroelectronics


M74HC4072M1R Product details

DESCRIPTION
The M54/74HC4072 is a high speed CMOS DUAL 4-INPUT OR GATE fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.
The internal circuit is composed of 3 stages including buffer output, which gives high noise immunity and stable output. All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED tPD = 9 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 1 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 4072B




Similar Part No. - M74HC4072M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4072M1R STMICROELECTRONICS-M74HC4072M1R Datasheet
232Kb / 9P
DUAL 4 INPUT OR GATE
Oct-1992
More results


Similar Description - M74HC4072M1R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
Dual 4-5-Input OR/NOR Gate
1996 REV 5
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
Dual 4-5- Input OR/NOR Gate
1996 REV 5
logo
NXP Semiconductors
HEF4072B PHILIPS-HEF4072B Datasheet
26Kb / 3P
Dual 4-input OR gate
January 1995
logo
STMicroelectronics
M54HC4072 STMICROELECTRONICS-M54HC4072 Datasheet
232Kb / 9P
DUAL 4 INPUT OR GATE
Oct-1992
logo
Toshiba Semiconductor
TC74HC4072AP TOSHIBA-TC74HC4072AP Datasheet
177Kb / 4P
DUAL 4-INPUT OR GATE
logo
Hitachi Semiconductor
HD14072B HITACHI-HD14072B Datasheet
50Kb / 4P
Dual 4-input OR Gate
logo
STMicroelectronics
HCF4072B STMICROELECTRONICS-HCF4072B Datasheet
144Kb / 7P
DUAL 4 INPUT OR GATE
2001-Sep
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
DUAL 4-5-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10109 ONSEMI-MC10109_02 Datasheet
107Kb / 8P
Dual 4-5-Input OR/NOR Gate
January, 2002 ??Rev. 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com