Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4351 Datasheet (PDF) - STMicroelectronics

M74HC4351 Datasheet PDF - STMicroelectronics
Part # M74HC4351
Download  M74HC4351 Download
File Size   216.48 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL

M74HC4351 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4351 Datasheet PDF - STMicroelectronics

Part # M74HC4351
Download  M74HC4351 Click to download

File Size   216.48 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL

M74HC4351 Datasheet (HTML) - STMicroelectronics


M74HC4351 Product details

DESCRIPTION
These devices are analog multiplexer demultiplexers in high speed silicon gate C2MOS technology. These analog switches are bidirectional and digitally controlled. A built-in level shifting is included to allow them a control input range of up to ± 6V (peak) for an analog signal with digital control signal of 0 to 6V.

■ LOGIC LEVEL TRANSLATION TO ENABLE 5V LOGIC SIGNAL TO COMMUNICATE WITH ±5V ANALOG SIGNAL
■ WIDE OPERATING VOLTAGE RANGE (VCC - VEE) 2V TO 12V
■ LOW ”ON” RESISTANCE:
    70Ω TYP. (VCC - VEE = 4.5 V)
    50Ω TYP. (VCC - VEE = 9 V)
■ WIDE ANALOG INPUT VOLTAGE RANGE: ±6V
■ FAST SWITCHING
■ LOW CROSSTALK BETWEEN SWITCHES
■ HIGH ON/OFF OUTPUT VOLTAGE RATIO
■ LOW SINE WAVE DISTORTION: 0.02% (TYP.) AT VCC - VEE = 9 V
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28% VCC (MIN.)
■ LOW POWER DISSIPATION ICC = 4 µA (MAX) AT TA = 25 °C




Similar Part No. - M74HC4351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351B1R STMICROELECTRONICS-M74HC4351B1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351C1R STMICROELECTRONICS-M74HC4351C1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351F1R STMICROELECTRONICS-M74HC4351F1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351M1R STMICROELECTRONICS-M74HC4351M1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
More results


Similar Description - M74HC4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Jul-2001
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
Single 8-channel analog multiplexer/demultiplexer
21-Apr-2008
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com