Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4518 Datasheet (PDF) - STMicroelectronics

M74HC4518 Datasheet PDF - STMicroelectronics
Part # M74HC4518
Download  M74HC4518 Download
File Size   362.41 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL DECADE COUNTER

M74HC4518 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4518 Datasheet PDF - STMicroelectronics

Part # M74HC4518
Download  M74HC4518 Click to download

File Size   362.41 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL DECADE COUNTER

M74HC4518 Datasheet (HTML) - STMicroelectronics


M74HC4518 Product details

DESCRIPTION

The M54/74HC4518/4520 are high speed CMOS DUAL 4 BIT BINARY COUNTERS fabricated in silicon gate C2MOS technology. They have the same high speed performance of LSTTL combined with true CMOS low power consumption.



.HIGH SPEED

  fMAX= 55 MHz (TYP.) at VCC=5V

.LOW POWER DISSIPATION

  ICC=4µA (MAX.) AT TA=25°C

.HIGH NOISE IMMUNITY

  VNIH=VNIL=28%VCC(MIN.)

.OUTPUT DRIVE CAPABILITY

  10 LSTTL LOADS

.SYMMETRICAL OUTPUT IMPEDANCE

  |IOH|=IOL= 4 mA (MIN.)

.BALANCED PROPAGATION DELAYS

  tPLH=tPHL

.WIDE OPERATING VOLTAGE RANGE

  VCC(OPR) = 2 V TO 6 V

.PIN AND FUNCTION COMPATIBLE WITH 4520B/4518B




Similar Part No. - M74HC4518

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4518 STMICROELECTRONICS-M74HC4518 Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518B1R STMICROELECTRONICS-M74HC4518B1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518C1R STMICROELECTRONICS-M74HC4518C1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518F1R STMICROELECTRONICS-M74HC4518F1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
M74HC4518M1R STMICROELECTRONICS-M74HC4518M1R Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
More results


Similar Description - M74HC4518

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54LS490 MOTOROLA-SN54LS490 Datasheet
161Kb / 5P
DUAL DECADE COUNTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
logo
STMicroelectronics
M54HC390 STMICROELECTRONICS-M54HC390 Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
DUAL DECADE RIPPLE COUNTER
logo
STMicroelectronics
M74HC390 STMICROELECTRONICS-M74HC390 Datasheet
371Kb / 17P
Dual decade counter
21-Jul-2006
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
Dual decade ripple counter
Rev. 5 - 18 October 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com