Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3234B Datasheet (PDF) - STMicroelectronics

ST1G3234B Datasheet PDF - STMicroelectronics
Part # ST1G3234B
Download  ST1G3234B Download
File Size   254.15 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1-bit dual supply bus buffer level translator with A-side series resistor

ST1G3234B Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1G3234B Datasheet PDF - STMicroelectronics

Part # ST1G3234B
Download  ST1G3234B Click to download

File Size   254.15 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1-bit dual supply bus buffer level translator with A-side series resistor

ST1G3234B Datasheet (HTML) - STMicroelectronics


ST1G3234B Product details

Description
The ST1G3234B is a dual supply low voltage CMOS 1-bit bus buffer level translator fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. Designed for use as an interface between a 3.3 V bus and a 2.5 V or 1.8 V bus in a mixed 3.3 V/1.8 V, 3.3 V/2.5 V, 1.8 V/1.4 V and 2.5 V/1.8 V supply systems, it achieves high speed operation while maintaining the CMOS low power dissipation.

Features
■ High speed: tPD = 4.0 ns (max.) at TA = 85 °C
    VCCB = 1.65 V; VCCA = 3.0 V
■ Low power dissipation:
    ICCA = ICCB = 5 μA (max.) at TA = 85 °C
■ Symmetrical output impedance:
    |IOHA| = IOLA = 10 mA min at
    VCCA = 2.75 V; VCCB = 1.4 to 3.6 V
    |IOHA| = IOLA = 6 mA min. at
    VCCA = 2.3 V; VCCB = 1.4 to 3.6 V
■ Balanced propagation delays: tPLH ≅ tPHL
■ Power-down protection on inputs and outputs
■ 26 Ω series resistor on A-side outputs
■ Operating voltage range:
    – VCCA (opr.) = 1.4 to 3.6 V
    – VCCB (opr.) = 1.4 to 3.6 V
■ Allows partial power-down when VCCA = 0, device consumes very low quiescent current
■ Max data rates:
    – 380 Mbps (1.8 to 3.3 V translation)
    – 260 Mbps (<1.8 to 3.3 V translation)
    – 260 Mbps (translates to 2.5 V)
    – 210 Mbps (translates to 1.5 V)
■ Latch-up performance exceeds 500 mA (JESD 17)
■ ESD performance:
    HBM > 2000 V (MIL STD 883 method 3015);
    MM > 200 V
■ ROHS compliant to Flip-Chip package




Similar Part No. - ST1G3234B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1G3234BJR STMICROELECTRONICS-ST1G3234BJR Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST1G3234BJR STMICROELECTRONICS-ST1G3234BJR Datasheet
170Kb / 15P
1-bit dual supply bus buffer level translator with A-side series resistor
16-Aug-2006
More results


Similar Description - ST1G3234B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
01-Jun-2004
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
2-bit dual supply bus transceiver level translator with a side series resistor
06-Dec-2006
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
1-bit dual supply bus buffer level translator with A-side series resistor
16-Aug-2006
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
1-bit dual supply bus transceiver level translator with A-side series resistor
25-Jul-2007
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com