Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVQ245 Datasheet (PDF) - STMicroelectronics

74LVQ245 Datasheet PDF - STMicroelectronics
Part # 74LVQ245
Download  74LVQ245 Download
File Size   279.39 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER WITH (3-STATE)

74LVQ245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ245 Datasheet PDF - STMicroelectronics

Part # 74LVQ245
Download  74LVQ245 Click to download

File Size   279.39 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER WITH (3-STATE)

74LVQ245 Datasheet (HTML) - STMicroelectronics


74LVQ245 Product details

DESCRIPTION
The 74LVQ245 is a low voltage CMOS OCTAL BUS TRANSCEIVER (3-STATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications.
This IC is intended for two-way asynchronous communication between data buses and the direction of data transmission is determined by DIR input. The enable input G can be used to disable the device so that the buses are effectively isolated.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
All floating bus terminals during High Impedance State must be held HIGH or LOW.

■ HIGH SPEED:
   tPD = 5.7 ns (TYP.) at VCC = 3.3 V
■ COMPATIBLE WITH TTL OUTPUTS
■ LOW POWER DISSIPATION:
   ICC = 5 µA (MAX.) at TA=25°C
■ LOW NOISE:
   VOLP = 0.5V (TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 12mA (MIN) at VCC = 3.0 V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 245
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ245 STMICROELECTRONICS-74LVQ245 Datasheet
67Kb / 8P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
Mar-1999
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
94Kb / 6P
Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
69Kb / 6P
Low Voltage Octal Bidirectional Transceiver
logo
STMicroelectronics
74LVQ245M STMICROELECTRONICS-74LVQ245M Datasheet
67Kb / 8P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
Mar-1999
logo
Fairchild Semiconductor
74LVQ245QSC FAIRCHILD-74LVQ245QSC Datasheet
94Kb / 6P
Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
More results


Similar Description - 74LVQ245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74LVQ245 STMICROELECTRONICS-74LVQ245 Datasheet
67Kb / 8P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE
Mar-1999
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74LCX245 STMICROELECTRONICS-74LCX245 Datasheet
278Kb / 13P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
logo
Integrated Device Techn...
IDT74ALVC245 IDT-IDT74ALVC245 Datasheet
62Kb / 6P
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
STMicroelectronics
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com