Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX74 Datasheet (PDF) - STMicroelectronics

74LVX74 Datasheet PDF - STMicroelectronics
Part # 74LVX74
Download  74LVX74 Download
File Size   457.49 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR (5V TOLERANT INPUTS)

74LVX74 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX74 Datasheet PDF - STMicroelectronics

Part # 74LVX74
Download  74LVX74 Click to download

File Size   457.49 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR (5V TOLERANT INPUTS)

74LVX74 Datasheet (HTML) - STMicroelectronics


74LVX74 Product details

DESCRIPTION
The 74LVX74 is a low voltage CMOS DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications.

■ HIGH SPEED: fMAX = 145MHz (TYP.) at VCC = 3.3V
■ 5V TOLERANT INPUTS
■ INPUT VOLTAGE LEVEL: VIL=0.8V, VIH=2V AT VCC=3V
■ LOW POWER DISSIPATION: ICC = 2 µA (MAX.) at TA=25°C
■ LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 74
■ IMPROVED LATCH-UP IMMUNITY
■ POWER DOWN PROTECTION ON INPUTS




Similar Part No. - 74LVX74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74 ONSEMI-74LVX74 Datasheet
235Kb / 9P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74M FAIRCHILD-74LVX74M Datasheet
70Kb / 6P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74M FAIRCHILD-74LVX74M Datasheet
93Kb / 7P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results


Similar Description - 74LVX74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
24-Oct-1997
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
27-Aug-2004
74LCX74 STMICROELECTRONICS-74LCX74 Datasheet
79Kb / 11P
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
Sep-2001
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74LCX74 STMICROELECTRONICS-74LCX74_06 Datasheet
433Kb / 17P
Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
10-Jul-2006
74LVX174 STMICROELECTRONICS-74LVX174 Datasheet
307Kb / 12P
LOW VOLTAGE CMOS HEX D-TYPE FLIP-FLOP WITH CLEAR WITH 5V TOLERANT INPUTS
27-Aug-2004
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com