Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX86 Datasheet (PDF) - STMicroelectronics

74LVX86 Datasheet PDF - STMicroelectronics
Part # 74LVX86
Download  74LVX86 Download
File Size   231.54 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS

74LVX86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX86 Datasheet PDF - STMicroelectronics

Part # 74LVX86
Download  74LVX86 Click to download

File Size   231.54 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS

74LVX86 Datasheet (HTML) - STMicroelectronics


74LVX86 Product details

DESCRIPTION
The 74LVX86 is a low voltage CMOS QUAD EXCLUSIVE OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications.
Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage.
This device can be used to interface 5V to 3V system. It combines high speed performance with the true CMOS low power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED:
   tPD = 5.8 ns (TYP.) at VCC = 3.3V
■ 5V TOLERANT INPUTS
■ INPUT VOLTAGE LEVEL:
   VIL=0.8V, VIH=2V at VCC=3V
■ LOW POWER DISSIPATION:
   ICC = 2 µA (MAX.) at TA=25°C
■ LOW NOISE:
   VOLP = 0.3V (TYP.) at VCC = 3.3V
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 86
■ IMPROVED LATCH-UP IMMUNITY
■ POWER DOWN PROTECTION ON INPUTS




Similar Part No. - 74LVX86

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86M FAIRCHILD-74LVX86M Datasheet
62Kb / 5P
Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86M FAIRCHILD-74LVX86M Datasheet
85Kb / 6P
Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86M ONSEMI-74LVX86M Datasheet
222Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
More results


Similar Description - 74LVX86

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
15-Sep-2004
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
Jul-2001
74LCX86 STMICROELECTRONICS-74LCX86 Datasheet
243Kb / 15P
Low voltage CMOS quad Exclusive OR gate with 5V tolerant inputs
10-Jul-2006
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com