Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX132 Datasheet (PDF) - STMicroelectronics

74LVX132 Datasheet PDF - STMicroelectronics
Part # 74LVX132
Download  74LVX132 Download
File Size   227.09 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS

74LVX132 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX132 Datasheet PDF - STMicroelectronics

Part # 74LVX132
Download  74LVX132 Click to download

File Size   227.09 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS

74LVX132 Datasheet (HTML) - STMicroelectronics


74LVX132 Product details

DESCRIPTION
The 74LVX132 is a low voltage CMOS QUAD 2-INPUT SCHMITT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage.
   
■ HIGH SPEED :
    tPD = 5.9ns (TYP.) at VCC = 3.3V
■ 5V TOLERANT INPUTS
■ LOW POWER DISSIPATION:
    ICC = 2 µA (MAX.) at TA=25°C
■ TYPICAL HYSTERESIS : 0.7V at VCC = 3.3V
■ LOW NOISE:
    VOLP = 0.3V (TYP.) at VCC = 3.3V
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 132
■ IMPROVED LATCH-UP IMMUNITY
■ POWER DOWN PROTECTION ON INPUTS
   




Similar Part No. - 74LVX132

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX132 FAIRCHILD-74LVX132 Datasheet
65Kb / 6P
Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132 ONSEMI-74LVX132 Datasheet
253Kb / 9P
Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX132M FAIRCHILD-74LVX132M Datasheet
65Kb / 6P
Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132M ONSEMI-74LVX132M Datasheet
253Kb / 9P
Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX132MTC FAIRCHILD-74LVX132MTC Datasheet
65Kb / 6P
Low Voltage Quad 2-Input NAND Schmitt Trigger
More results


Similar Description - 74LVX132

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
Jul-2001
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com