Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX240 Datasheet (PDF) - STMicroelectronics

74LVX240 Datasheet PDF - STMicroelectronics
Part # 74LVX240
Download  74LVX240 Download
File Size   258.67 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS

74LVX240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX240 Datasheet PDF - STMicroelectronics

Part # 74LVX240
Download  74LVX240 Click to download

File Size   258.67 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS

74LVX240 Datasheet (HTML) - STMicroelectronics


74LVX240 Product details

DESCRIPTION
The 74LVX240 is a low voltage CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications.
G output enable governs four BUS BUFFERs Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage.
This device can be used to interface 5V to 3V. It combines high speed performance with the true CMOS low power consumption.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED:
   tPD=4.7ns (TYP.) at VCC = 3.3V
■ 5V TOLERANT INPUTS
■ POWER-DOWN PROTECTION ON INPUTS
■ INPUT VOLTAGE LEVEL:
   VIL = 0.8V, VIH = 2V at VCC =3V
■ LOW POWER DISSIPATION:
   ICC = 4 µA (MAX.) at TA=25°C
■ LOW NOISE:
   VOLP = 0.3V (TYP.) at VCC =3.3V
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 4 mA (MIN) at VCC =3V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 240
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVX240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX240 ONSEMI-74LVX240 Datasheet
95Kb / 8P
Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240M FAIRCHILD-74LVX240M Datasheet
87Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240MTC FAIRCHILD-74LVX240MTC Datasheet
87Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240SJ FAIRCHILD-74LVX240SJ Datasheet
87Kb / 6P
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74LVX240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX240M STMICROELECTRONICS-74LCX240M Datasheet
187Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Jul-2001
74LCX240 STMICROELECTRONICS-74LCX240_04 Datasheet
241Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX244 STMICROELECTRONICS-74LCX244_04 Datasheet
263Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX540 STMICROELECTRONICS-74LCX540 Datasheet
271Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX541 STMICROELECTRONICS-74LCX541_07 Datasheet
295Kb / 17P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
24-Jan-2007
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com