Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN3NE06L Datasheet (PDF) - STMicroelectronics

STN3NE06L Datasheet PDF - STMicroelectronics
Part # STN3NE06L
Download  STN3NE06L Download
File Size   64.87 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET

STN3NE06L Datasheet (PDF)

Go To PDF Page Download Datasheet
STN3NE06L Datasheet PDF - STMicroelectronics

Part # STN3NE06L
Download  STN3NE06L Click to download

File Size   64.87 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET

STN3NE06L Datasheet (HTML) - STMicroelectronics


STN3NE06L Product details

DESCRIPTION
This Power Mosfet is the latest development of STMicroelectronics unique "Single Feature Size™ " stip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.10 Ω
■ EXCEPTIONAL dv/dt CAPABILITY
■ AVALANCHE RUGGED TECHNOLOGY
■ 100 % AVALANCHE TESTED
■ APPLICATION ORIENTED CHARACTERIZATION

APPLICATIONS
■ DC MOTOR CONTROL (DISK DRIVES,etc.)
■ DC-DC & DC-AC CONVERTERS
■ SYNCHRONOUS RECTIFICATION




Similar Part No. - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
Aug-1998
More results


Similar Description - STN3NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
Nov-1999
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
Apr-1999
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
Jan-1999
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
Jul-1998
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com