Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C21164096 Datasheet (PDF) - Mosel Vitelic, Corp

V62C21164096 Datasheet PDF - Mosel Vitelic, Corp
Part # V62C21164096
Download  V62C21164096 Download
File Size   183.49 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 256K x 16, 0.20 um CMOS STATIC RAM

V62C21164096 Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C21164096 Datasheet PDF - Mosel Vitelic, Corp

Part # V62C21164096
Download  V62C21164096 Click to download

File Size   183.49 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 256K x 16, 0.20 um CMOS STATIC RAM

V62C21164096 Datasheet (HTML) - Mosel Vitelic, Corp


V62C21164096 Product details

Description
The V62C21164096 is a 4,194,304-bit static random-access memory organized as 262,144 words by 16 bits. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.

Features
■ High-speed: 70, 85 ns
■ Ultra low CMOS standby current of 4µA (max.)
■ Fully static operation
■ All inputs and outputs directly TTL compatible
■ Three state outputs
■ Ultra low data retention current (VCC = 1.2V)
■ Operating voltage: 2.3V – 3.0V
■ Packages
    – 44-pin TSOP (Standard)
    – 48-Ball CSP BGA (8mm x 10mm)




Similar Part No. - V62C21164096

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
Ultra Low Power 64K x 16 CMOS SRAM
More results


Similar Description - V62C21164096

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
256K x 16, CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
256K x 16, CMOS STATIC RAM
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
256K x 16, 0.17 um CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
256K x 16 Static RAM
October 4, 1999
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
256K x 16 Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com