Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C028 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C028 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C028
Download  HMC-C028 Download
File Size   205.06 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 4 - 8 GHz

HMC-C028 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C028 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C028
Download  HMC-C028 Click to download

File Size   205.06 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 4 - 8 GHz

HMC-C028 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C028 Product details

General Description

The HMC-C028 is a wideband GaAs InGaP Voltage Controlled Oscillator which incorporates the resonator, negative resistance device, and varactor diode. An internal voltage regulator provides excellent 0.2 MHz/V frequency pushing while the output buffer amplifi er boosts output power to +20 dBm; which is enough to drive one or two mixers. Phase noise performance is excellent over temperature due to the oscillator’s monolithic construction.



Features

Wide Tuning Bandwidth

High Output Power: +20 dBm

Low SSB Phase Noise: -95 dBc/Hz @100 kHz

No External Resonator Needed

Single Positive Supply: +8 to +15V @ 185 mA

RoHS Compliant Hermetically Sealed Module

Field Replaceable SMA Connectors

-40°C to +85°C Operating Temperature



Typical Applications

The HMC-C028 VCO Module is ideal for:

• Industrial/Medical Equipment

• Test & Measurement Equipment

• Military Radar, EW & ECM

• Lab Instrumentation



 




Similar Part No. - HMC-C028

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
HMC-C021 HITTITE-HMC-C021 Datasheet
279Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 21 - 31 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
More results


Similar Description - HMC-C028

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC-C029 HITTITE-HMC-C029 Datasheet
261Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 5.0 - 10.0 GHz
HMC-C030 HITTITE-HMC-C030 Datasheet
207Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 8.0 - 12.5 GHz
HMC-C073 HITTITE-HMC-C073 Datasheet
165Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 38.4 - 43.2 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com