Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVIULC6-2X6 Datasheet (PDF) - STMicroelectronics

DVIULC6-2X6 Datasheet PDF - STMicroelectronics
Part # DVIULC6-2X6
Download  DVIULC6-2X6 Download
File Size   751.48 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low capacitance ESD protection

DVIULC6-2X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DVIULC6-2X6 Datasheet PDF - STMicroelectronics

Part # DVIULC6-2X6
Download  DVIULC6-2X6 Click to download

File Size   751.48 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low capacitance ESD protection

DVIULC6-2X6 Datasheet (HTML) - STMicroelectronics


DVIULC6-2X6 Product details

Description
The DVIULC6-2x6, HDMIULC6-2x6 and SATAULC6-2x6 are a monolithic Application Specific Discrete dedicated to ESD protection of high speed interfaces. Its ultra low line capacitance secures a high level of signal integrity without compromising in protecting downstream sensitive chips against the most stringent characterized ESD strikes.

Features
■ 2 data lines ± 15kV ESD protection
■ Protect 5 V VBUS when applicable
■ Ultra low capacitance: 0.6 pF at F = 825 MHz
■ Very low leakage current: 0.5 µA max.
■ Fast response time compared with varistor
■ SOT-666 package: 1.60 x 1.60 x 0.55 mm
■ µQFN 6 leads package: 1.45 x 1.00 x 0.55 mm
■ RoHS compliant

Main applications
■ DVI and HDMI ports up to 1.65 Gb/s
■ SATA port up to 3.2 Gb/s
■ EEE1394a, b or c port up to 3.2 Gb/s
■ Portable electronics

Benefits
■ ESD protection, IEC 61000-4-2 level 4 compliant
   – > ± 15 kV Contact discharge
   – > ± 15 kV Air discharge
■ Minimized rise and fall times for maximum data integrity
■ Consistent D+ / D- signal balance:
   – Best capacitance matching tolerance I/O to GND = 0.015 pF for ultra low inter pair skew
   – Best capacitance matching tolerance I/O to I/O = 0.007 pF for ultra low intra pair skew
   – Matching high bit rate DVI, HDMI, SATA and IEEE 1394 requirements
■ Low PCB space consuming
■ Low leakage current for longer operation of battery powered devices
■ High reliability offered by monolithic integration

Complies with these standards:
■ IEC 61000-4-2 level 4
   – 15 kV air discharge
   – 8 kV (and up to 15 kV) contact discharge




Similar Part No. - DVIULC6-2X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
More results


Similar Description - DVIULC6-2X6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com