Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1-1M2 Datasheet (PDF) - STMicroelectronics

ESDALC6V1-1M2 Datasheet PDF - STMicroelectronics
Part # ESDALC6V1-1M2
Download  ESDALC6V1-1M2 Download
File Size   147.89 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single line low capacitance Transil for ESD protection

ESDALC6V1-1M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALC6V1-1M2 Datasheet PDF - STMicroelectronics

Part # ESDALC6V1-1M2
Download  ESDALC6V1-1M2 Click to download

File Size   147.89 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single line low capacitance Transil for ESD protection

ESDALC6V1-1M2 Datasheet (HTML) - STMicroelectronics


ESDALC6V1-1M2 Product details

Description
The ESDALC6V1-1M2 is a unidirectional single line TVS diode designed to protect the data lines or other I/O ports against ESD transients.
The device is ideal for applications where both reduced line capacitance and board space saving are required.

Features
■ Single line low capacitance Transil diode
■ Unidirectional ESD protection
■ ESD protection > 30 kV (IEC 61000-4-2 contact discharge)
■ Breakdown voltage VBR = 6.1 V min.
■ Low diode capacitance (22 pF @ 0 V)
■ Low leakage current (< 100 nA @ 3 V)
■ Very small PCB area (0.6 mm2)
■ RoHS compliant

Benefits
■ High ESD robustness of the equipment
■ Suitable for high density boards

Applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment




Similar Part No. - ESDALC6V1-1M2

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDALC6V1-1M2 LEIDITECH-ESDALC6V1-1M2 Datasheet
328Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results


Similar Description - ESDALC6V1-1M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
Single line low capacitance TRANSIL??for ESD protection
11-Jan-2007
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
Single line low capacitance TRANSIL??for ESD protection
15-Nov-2006
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
ESDAVLC6V1-1BM2 STMICROELECTRONICS-ESDAVLC6V1-1BM2 Datasheet
749Kb / 13P
Single line low capacitance Transil for ESD protection
16-Apr-2008
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDALC5-1BM2 STMICROELECTRONICS-ESDALC5-1BM2 Datasheet
205Kb / 14P
Single line low capacitance Transil??for ESD protection
02-Feb-2010
ESDALC6V1-1BU2 STMICROELECTRONICS-ESDALC6V1-1BU2 Datasheet
143Kb / 11P
Single-line low capacitance Transil??for bidirectional ESD protection
12-Aug-2010
ESDALC6V1-1U2 STMICROELECTRONICS-ESDALC6V1-1U2 Datasheet
198Kb / 11P
Single-line low capacitance Transil for ESD protection
22-Sep-2011
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDAVLC6-1V2 STMICROELECTRONICS-ESDAVLC6-1V2 Datasheet
289Kb / 8P
Single line low capacitance Transil™ for ESD protection
05-Jun-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com