Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMIULC6-2X6 Datasheet (PDF) - STMicroelectronics

HDMIULC6-2X6 Datasheet PDF - STMicroelectronics
Part # HDMIULC6-2X6
Download  HDMIULC6-2X6 Download
File Size   751.48 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra large bandwidth ESD protection

HDMIULC6-2X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMIULC6-2X6 Datasheet PDF - STMicroelectronics

Part # HDMIULC6-2X6
Download  HDMIULC6-2X6 Click to download

File Size   751.48 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra large bandwidth ESD protection

HDMIULC6-2X6 Datasheet (HTML) - STMicroelectronics


HDMIULC6-2X6 Product details

Description
The HDMIULC6-2x6 is a monolithic, application specific discrete device dedicated to ESD protection of the HDMI connection. It also offers the same high level of protection for IEEE 1394a and IEEE 1394b/c, USB 2.0, Ethernet links, and video lines.
Its ultra high cutoff frequency (5.9 GHz) secures a high level of signal integrity. The device topology provides this integrity without compromising the complete protection of ICs against the most stringent ESD strikes.

Features
■ 2-line ESD protection (at 15 kV air and contact discharge, exceeds IEC 61000-4-2)
■ Ultra low capacitance: 0.6 pF @ 825 MHz
■ Ultra high bandwidth - no influence on signal rise and fall times - maximised number of signal harmonics
■ Very low leakage current: 0.5 µA max.
■ Fast response time compared with varistors
■ Protects VBUS when applicable
■ RoHS compliant

Benefits
■ ESD standards compliance guaranteed at device level, thus greater immunity at system level
■ ESD protection of VBUS when applicable.
■ High efficiency due to low residual voltage when confronted by an ESD surge
■ Large bandwidth to minimize impact on data signal quality
■ Consistent D+ / D- signal balance:
   – Ultra low impact on intra- and inter-pair skew
   – Matching high bit rate HDMI requirements and ready for future evolution
■ Low PCB space occupation - 1.45 mm2 for µQFN
■ Low leakage current for longer operation of battery powered devices
■ Higher reliability offered by monolithic integration
■ 500 µm pitch for µQFN 6 leads

Complies with these standards
■ IEC 61000-4-2 level 4
   – 15 kV air discharge
   – 8 kV contact discharge
■ MIL STD883G-Method 3015-7

Applications
■ HDMI ports at 1.65 Gb/s and up to 3.2 Gb/s
■ IEEE 1394a, b, or c up to 3.2 Gb/s
■ USB 2.0 ports up to 480 Mb/s (Hi-Speed)
■ Ethernet port: 10/100/1000 Mb/s
■ Video line protection




Similar Part No. - HDMIULC6-2X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-2X STMICROELECTRONICS-HDMIULC6-2X Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
More results


Similar Description - HDMIULC6-2X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-4SC6 STMICROELECTRONICS-HDMIULC6-4SC6 Datasheet
300Kb / 11P
Ultra large bandwidth ESD protection
26-Jul-2006
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
344Kb / 10P
Ultra large bandwidth ESD protection
29-Nov-2007
logo
ON Semiconductor
ESD7484 ONSEMI-ESD7484 Datasheet
269Kb / 7P
4-Line Ultra-Large Bandwidth ESD Protection
October, 2011 ??Rev. 0
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
STMicroelectronics
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
8-line ultralarge bandwidth ESD protection
15-Oct-2010
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
Automotive ultralarge bandwidth ESD protection
06-Sep-2012
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
STMicroelectronics
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
Ultra large bandwidth ESD protection
31-Mar-2014
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com