Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP14NF06 Datasheet (PDF) - STMicroelectronics

STP14NF06 Datasheet PDF - STMicroelectronics
Part # STP14NF06
Download  STP14NF06 Download
File Size   247.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET

STP14NF06 Datasheet (PDF)

Go To PDF Page Download Datasheet
STP14NF06 Datasheet PDF - STMicroelectronics

Part # STP14NF06
Download  STP14NF06 Click to download

File Size   247.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET

STP14NF06 Datasheet (HTML) - STMicroelectronics


STP14NF06 Product details

DESCRIPTION
This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature Size™" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.1Ω
■ EXCEPTIONAL dv/dt CAPABILITY
■ LOW GATE CHARGE AT 100 °C
■ APPLICATION ORIENTED CHARACTERIZATION

APPLICATIONS
■ DC-DC & DC-AC CONVERTERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID AND RELAY DRIVERS
■ AUTOMOTIVE ENVIRONMENT




Similar Part No. - STP14NF06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP14NF06 ISC-STP14NF06 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STP14NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
STD10NF06L STMICROELECTRONICS-STD10NF06L Datasheet
302Kb / 7P
N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET™ POWER MOSFET
Nov-2001
STP36NE06 STMICROELECTRONICS-STP36NE06 Datasheet
112Kb / 9P
N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
Jul-1998
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
Nov-2000
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
logo
New Jersey Semi-Conduct...
STP36NE06 NJSEMI-STP36NE06 Datasheet
153Kb / 3P
N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
STMicroelectronics
STP1806 STMICROELECTRONICS-STP1806 Datasheet
272Kb / 9P
N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
Rev.0.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com