Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4050D Datasheet (PDF) - STMicroelectronics

M54HC4050D Datasheet PDF - STMicroelectronics
Part # M54HC4050D
Download  M54HC4050D Download
File Size   309.37 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAD-HARD HEX BUFFER/CONVERTER

M54HC4050D Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC4050D Datasheet PDF - STMicroelectronics

Part # M54HC4050D
Download  M54HC4050D Click to download

File Size   309.37 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAD-HARD HEX BUFFER/CONVERTER

M54HC4050D Datasheet (HTML) - STMicroelectronics


M54HC4050D Product details

DESCRIPTION
The M54/74HC4049 and the M54/74HC4050 are high speed CMOS HEX BUFFER fabricated in silicon gate C2MOS technology.
They have the same high speed performance of LSTTL combined with true CMOS low power consumption. The M54/75HC4049 is an inverting buffer, while the M54/74HC4050 is a non-inverting buffer.
The internal circuit is composed of 3 stage or 2- stage inverters, which provides high noise immunity and a stable output.
Input protection circuits are different from those of the high speed CMOS IC’s.

■ HIGH SPEED tPD = 9 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 1 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 6 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 4049B/4050B




Similar Part No. - M54HC4050D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4050D STMICROELECTRONICS-M54HC4050D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results


Similar Description - M54HC4050D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M54HCU04 STMICROELECTRONICS-M54HCU04 Datasheet
164Kb / 8P
RAD HARD HEX INVERTER (SINGLE STATE)
27-Jun-2004
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP_07 Datasheet
302Kb / 8P
Hex Buffer/Converter
logo
STMicroelectronics
M74HC4050 STMICROELECTRONICS-M74HC4050 Datasheet
554Kb / 8P
HEX BUFFER/CONVERTER
Jul-2001
M54HC367 STMICROELECTRONICS-M54HC367_04 Datasheet
246Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
10-May-2004
M54HC4049 STMICROELECTRONICS-M54HC4049_04 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
14-May-2004
M54HC04 STMICROELECTRONICS-M54HC04_04 Datasheet
105Kb / 8P
RAD-HARD HEX INVERTER
Mar-2004
M54HC14 STMICROELECTRONICS-M54HC14_04 Datasheet
105Kb / 8P
RAD-HARD HEX SCHMITT INVERTER
Mar-2004
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com