Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973 Datasheet (PDF) - STMicroelectronics

L4973 Datasheet PDF - STMicroelectronics
Part # L4973
Download  L4973 Download
File Size   367.28 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.5A step down switching regulator

L4973 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4973 Datasheet PDF - STMicroelectronics

Part # L4973
Download  L4973 Click to download

File Size   367.28 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.5A step down switching regulator

L4973 Datasheet (HTML) - STMicroelectronics


L4973 Product details

Description

The L4973 is a step down monolithic power switching regulator delivering 3.5A at fixed voltages of 3.3V or 5.1V and using a simple external divider output adjustable voltage up to 50V. Realized in BCD mixed technology, the device uses an internal power D-MOS transistor (with a typical RDS(on) of 0.15Ω) to obtain very high efficiency and very fast switching times. Switching frequency up to 300KHz are achievable (the maximum power dissipation of the packages must be observed).



Features

■ Up to 3.5A step down converter

■ Operating input voltage from 8V to 55V

■ 3.3V and 5.1V (±1%) fixed output, and adjustable outputs from:

   – 0.5V to 50V (3.3 type)

   – 5.1V to 50V (5.1 type)

■ Frequency adjustable up to 300kHz

■ Voltage feed forward

■ Zero load current operation (min 1mA)

■ Internal current limiting (pulse by pulse and HICCUP mode)

■ Precise 5.1V (1.5%) reference voltage externally available

■ Input/output synchronization function

■ Inhibit for zero current consumption (100mA typ. at VCC = 24V)

■ Protection against feedback disconnection

■ Thermal shutdown

■ Output over voltage protection

■ Soft start function



 




Similar Part No. - L4973

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973 STMICROELECTRONICS-L4973 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D3 STMICROELECTRONICS-L4973D3 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D3.3 STMICROELECTRONICS-L4973D3.3 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D3.3-L4973D5.1 STMICROELECTRONICS-L4973D3.3-L4973D5.1 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973D33 STMICROELECTRONICS-L4973D33 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
More results


Similar Description - L4973

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com