Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3193 Datasheet (PDF) - Advanced Analogic Technologies

AAT3193 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3193
Download  AAT3193 Download
File Size   393.77 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 3-Channel Charge-Pump LED Driver

AAT3193 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3193 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3193
Download  AAT3193 Click to download

File Size   393.77 Kbytes
Page   18 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 3-Channel Charge-Pump LED Driver

AAT3193 Datasheet (HTML) - Advanced Analogic Technologies


AAT3193 Product details

General Description
The AAT3193 is a charge-pump based, current-sink white LED driver capable of driving one to three LEDs up to 30mA, each. It automatically switches between 1x mode and 2x mode to maintain the highest efficiency and optimal LED current accuracy and matching.

Features
• Drives up to 3 LEDs at up to 30mA, each
• Automatic Switching Between 1x and 2x Modes
• 0.9MHz Switching Frequency
• Linear LED Output Current Control
    ▪ Single-wire, S2Cwire Interface
        • AAT3193-1: 16-step
        • AAT3193-2: 8-step
        • AAT3193-3: 4-step
    ▪ ON/OFF or PWM Interface
        • AAT3193-4
• ±10% LED Output Current Accuracy
• ±3% LED Output Current Matching
• Low-Current Shutdown Mode
• Built-in Thermal Protection
• Automatic Soft-Start
• Available in 2x2mm SC70JW-10 Package

Applications
• Entry Level Cordless Phone Handsets
• Entry Level Digital Cameras
• Entry Level Mobile Phone Handsets
• Entry Level MP3 and PMP Players




Similar Part No. - AAT3193

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
736Kb / 17P
Low-Cost, 2-/3-Channel Charge-Pump LED Drivers
logo
Skyworks Solutions Inc.
AAT3193 SKYWORKS-AAT3193 Datasheet
1Mb / 18P
Three-Channel Charge Pump LED Driver
July 12, 2012
logo
Advanced Analogic Techn...
AAT3193IJQ-1 ANALOGICTECH-AAT3193IJQ-1 Datasheet
736Kb / 17P
Low-Cost, 2-/3-Channel Charge-Pump LED Drivers
logo
Skyworks Solutions Inc.
AAT3193IJQ-1-T1 SKYWORKS-AAT3193IJQ-1-T1 Datasheet
1Mb / 18P
Three-Channel Charge Pump LED Driver
July 12, 2012
logo
Advanced Analogic Techn...
AAT3193IJQ-2 ANALOGICTECH-AAT3193IJQ-2 Datasheet
736Kb / 17P
Low-Cost, 2-/3-Channel Charge-Pump LED Drivers
More results


Similar Description - AAT3193

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
3-Channel Charge-Pump LED Driver
3103.2008.03.1.0
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
2-Channel Charge-Pump LED Driver
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
3 channel LED driver with Charge Pump
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
Dual Channel Charge Pump LED Driver
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com