Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1235H-6G Datasheet (PDF) - STMicroelectronics

T1235H-6G Datasheet PDF - STMicroelectronics
Part # T1235H-6G
Download  T1235H-6G Download
File Size   136.22 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 12 A Triacs

T1235H-6G Datasheet (PDF)

Go To PDF Page Download Datasheet
T1235H-6G Datasheet PDF - STMicroelectronics

Part # T1235H-6G
Download  T1235H-6G Click to download

File Size   136.22 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 12 A Triacs

T1235H-6G Datasheet (HTML) - STMicroelectronics


T1235H-6G Product details

Description
Available in through-hole or surface mount

Features
■ Medium current Triac
■ 150° C max. Tj turn-off commutation
■ Low thermal resistance with clip bonding
■ Very high 3 quadrant commutation capability




Similar Part No. - T1235H-6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235H-6G STMICROELECTRONICS-T1235H-6G Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
T1235H-6G-TR STMICROELECTRONICS-T1235H-6G-TR Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results


Similar Description - T1235H-6G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
logo
STMicroelectronics
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
High temperature 16 A Triacs
29-May-2007
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
High temperature 8 A Triacs
17-Apr-2007
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
logo
NXP Semiconductors
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
STMicroelectronics
TXDV1212RG STMICROELECTRONICS-TXDV1212RG Datasheet
93Kb / 7P
12 A high voltage Triacs
13-Jan-2012
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
12 Amp High Temperature Alternistor Triacs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com