Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1Y Datasheet (PDF) - STMicroelectronics

M48Z2M1Y Datasheet PDF - STMicroelectronics
Part # M48Z2M1Y
Download  M48Z2M1Y Download
File Size   307.7 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM

M48Z2M1Y Datasheet (PDF)

Go To PDF Page Download Datasheet
M48Z2M1Y Datasheet PDF - STMicroelectronics

Part # M48Z2M1Y
Download  M48Z2M1Y Click to download

File Size   307.7 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM

M48Z2M1Y Datasheet (HTML) - STMicroelectronics


M48Z2M1Y Product details

DESCRIPTION
The M48Z2M1/2M1Y ZEROPOWER® RAM is a non-volatile 16,777,216 bit Static RAM organized as 2,097,152 words by 8 bits. The device combines two internal lithium batteries, CMOS SRAMs and a control circuit in a plastic 36 pin DIP long Module.
   
■ INTEGRATED LOW POWER SRAM,
    POWER-FAIL CONTROL CIRCUIT and
    BATTERIES
■ CONVENTIONAL SRAM OPERATION;
    UNLIMITED WRITE CYCLES
■ 10 YEARS of DATA RETENTION in the
    ABSENCE of POWER
■ AUTOMATIC POWER-FAIL CHIP DESELECT
    and WRITE PROTECTION
■ WRITE PROTECT VOLTAGES
    (VPFD = Power-fail Deselect Voltage):
    – M48Z2M1: 4.5V ≤ VPFD ≤ 4.75V
    – M48Z2M1Y: 4.2V ≤ VPFD ≤ 4.50V
■ BATTERIES ARE INTERNALLY ISOLATED
    UNTIL POWER IS APPLIED
■ PIN and FUNCTION COMPATIBLE with
    JEDEC STANDARD 2Mb x 8 SRAMs
   




Similar Part No. - M48Z2M1Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
102Kb / 12P
16 Mb 2Mb x 8 ZEROPOWER SRAM
Jan-1998
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
327Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z2M1Y-70PL1 STMICROELECTRONICS-M48Z2M1Y-70PL1 Datasheet
102Kb / 12P
16 Mb 2Mb x 8 ZEROPOWER SRAM
Jan-1998
M48Z2M1Y-70PL1 STMICROELECTRONICS-M48Z2M1Y-70PL1 Datasheet
327Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z2M1Y-70PL9 STMICROELECTRONICS-M48Z2M1Y-70PL9 Datasheet
102Kb / 12P
16 Mb 2Mb x 8 ZEROPOWER SRAM
Jan-1998
More results


Similar Description - M48Z2M1Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z2M1 STMICROELECTRONICS-M48Z2M1 Datasheet
102Kb / 12P
16 Mb 2Mb x 8 ZEROPOWER SRAM
Jan-1998
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com