Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC592 Datasheet (PDF) - STMicroelectronics

M74HC592 Datasheet PDF - STMicroelectronics
Part # M74HC592
Download  M74HC592 Download
File Size   332.55 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT REGISTER BINARY COUNTER

M74HC592 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC592 Datasheet PDF - STMicroelectronics

Part # M74HC592
Download  M74HC592 Click to download

File Size   332.55 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT REGISTER BINARY COUNTER

M74HC592 Datasheet (HTML) - STMicroelectronics


M74HC592 Product details

DESCRIPTION
The M54/74HC592 is a high speed CMOS 8 BIT REGISTER COUNTER fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.

■ HIGH SPEED fMAX = 35 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 4 µA (MAX.) AT TA = 25 °C
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ SYMMETRICAL OUTPUT IMPEDANCE IOL = |IOH| = 4 mA (MIN.)
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS592




Similar Part No. - M74HC592

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC592 STMICROELECTRONICS-M74HC592 Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592B1R STMICROELECTRONICS-M74HC592B1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592C1R STMICROELECTRONICS-M74HC592C1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592M1R STMICROELECTRONICS-M74HC592M1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
More results


Similar Description - M74HC592

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC592 STMICROELECTRONICS-M54HC592 Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
TC74HC592AP TOSHIBA-TC74HC592AP Datasheet
338Kb / 7P
8-BIT BINARY COUNTER WITH INPUT REGISTER
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
8-bit Register/Binary Counter
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
8-bit Register/Binary Counter
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com