Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORLI10G Datasheet (PDF) - Lattice Semiconductor

ORLI10G Datasheet PDF - Lattice Semiconductor
Part # ORLI10G
Download  ORLI10G Download
File Size   907.2 Kbytes
Page   80 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC

ORLI10G Datasheet (PDF)

Go To PDF Page Download Datasheet
ORLI10G Datasheet PDF - Lattice Semiconductor

Part # ORLI10G
Download  ORLI10G Click to download

File Size   907.2 Kbytes
Page   80 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC

ORLI10G Datasheet (HTML) - Lattice Semiconductor


ORLI10G Product details

Introduction
The Lattice ORCA Series 4-based ORLI10G FPSC combines a high-speed line interface with a flexible FPGA logic core. Built on the Series 4 reconfigurable embedded System-on-a-Chip (SoC) architecture, the ORLI10G consists of an OIF standard compliant (OIF-SFI4-01.0) SFI-4.1 or IEEE® 802.3ae compliant XSBI, 10 Gbits/s or 12.5 Gbits/s transmit and 10 Gbits/s or 12.5 Gbits/s receive line interface.
   
Embedded Function Features
• Provides a line-interface to system-interface with various
    system standards such as OC-192/STM-64 SONET/SDH, quad OC-48/STM-16
    10 Gbits/s Ethernet, and 10 Gbits/s OTN (digital wrapper/strong FEC) or
    12.5 Gbits/s SuperFEC.
• Embedded PLLs with programmable M/N multiplication/division
    values provide flexible data rate conversion
    between line side and system side.
• Line-side supports 16-bit LVDS data with multiple line frequencies
    supported up to 850 MHz, depending on system standard.
• Line-side interface, including timing and jitter specifications,
    compliant to OIF 99.102.5 standard.
• Receive-side interface can be split into four separate asynchronous
    2.5 Gbits/s interfaces (4-bit LVDS data interface for each) with
    a separate clock for each for transfer to the FPGA logic.
• Data and clock rates divided by 4 or 8 for use in FPGA logic.
• LVDS I/Os compliant with EIA®-644 support hot insertion.
    All embedded LVDS I/Os include both input and output
    on-board termination to allow high-speed operation.
• Low-power LVDS buffers.
   




Similar Part No. - ORLI10G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
More results


Similar Description - ORLI10G

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
TLIU04C1 AGERE-TLIU04C1 Datasheet
1Mb / 100P
TLIU04C1 Quad T1/E1 Line Interface
Rev. 2 April 1999
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
Quad E1 Line Interface Unit
XR-T5794 EXAR-XR-T5794 Datasheet
186Kb / 20P
Quad E-1 Line Interface Unit
logo
Maxim Integrated Produc...
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com