Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA506A Datasheet (PDF) - STMicroelectronics

STA506A Datasheet PDF - STMicroelectronics
Part # STA506A_04
Download  STA506A Download
File Size   642.96 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 45V 4A QUAD POWER HALF BRIDGE

STA506A Datasheet (PDF)

Go To PDF Page Download Datasheet
STA506A Datasheet PDF - STMicroelectronics

Part # STA506A_04
Download  STA506A Click to download

File Size   642.96 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 45V 4A QUAD POWER HALF BRIDGE

STA506A Datasheet (HTML) - STMicroelectronics




Similar Part No. - STA506A_04

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA506A SANKEN-STA506A Datasheet
23Kb / 1P
N-channel General purpose
More results


Similar Description - STA506A_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
4A Half-Bridge Driver
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
Monolithic Power System...
MP8044 MPS-MP8044 Datasheet
396Kb / 9P
22V, 4A Dual Channel Power Half-Bridge
logo
Rohm
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
Nch 45V 4A Power MOSFET
logo
STMicroelectronics
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
45V 3.5A DOUBLE POWER HALF BRIDGE
Rev. 1
logo
Monolithic Power System...
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com