Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C3801024L Datasheet (PDF) - Mosel Vitelic, Corp

V62C3801024L Datasheet PDF - Mosel Vitelic, Corp
Part # V62C3801024L
Download  V62C3801024L Download
File Size   91.19 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 128K x 8 CMOS SRAM

V62C3801024L Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C3801024L Datasheet PDF - Mosel Vitelic, Corp

Part # V62C3801024L
Download  V62C3801024L Click to download

File Size   91.19 Kbytes
Page   10 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description Ultra Low Power 128K x 8 CMOS SRAM

V62C3801024L Datasheet (HTML) - Mosel Vitelic, Corp


V62C3801024L Product details

Functional Description
The V62C3801024L is a low power CMOS Static RAM organized as 131,072 words by 8 bits. Easy memory expansion is provided by an active LOW CE1 , an active HIGH CE2, an active LOW OE , and Tri-state I/O’s. This device has an automatic power-down mode feature when deselected.

Features
• Ultra Low-power consumption
   - Active: 30mA at 55ns
   - Stand-by: 5 μA (CMOS input/output)
                      1 μA CMOS input/output, L version
• Single +2.7V to 3.3V Power Supply
• Equal access and cycle time
• 55/70/85/100 ns access time
• Easy memory expansion with CE1, CE2 and OE inputs
• 2.0V data retention mode
• TTL compatible, Tri-state input/output
• Automatic power-down when deselected




Similar Part No. - V62C3801024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L-100T MOSEL-V62C3802048L-100T Datasheet
102Kb / 12P
Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L-100V MOSEL-V62C3802048L-100V Datasheet
102Kb / 12P
Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L-35T MOSEL-V62C3802048L-35T Datasheet
102Kb / 12P
Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L-35V MOSEL-V62C3802048L-35V Datasheet
102Kb / 12P
Ultra Low Power 256K x 8 CMOS SRAM
More results


Similar Description - V62C3801024L

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
Ultra Low Power 128K x 16 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
Ultra Low Power 128K x 16 CMOS SRAM
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
Ultra Low Power 128K x 8 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
128K x 8 Low Power CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com