Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3717A Datasheet (PDF) - System Logic Semiconductor

PBL3717A Datasheet PDF - System Logic Semiconductor
Part # PBL3717A
Download  PBL3717A Download
File Size   826.08 Kbytes
Page   11 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description STEPPER MOTOR DRIVER

PBL3717A Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL3717A Datasheet PDF - System Logic Semiconductor

Part # PBL3717A
Download  PBL3717A Click to download

File Size   826.08 Kbytes
Page   11 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description STEPPER MOTOR DRIVER

PBL3717A Datasheet (HTML) - System Logic Semiconductor


PBL3717A Product details

DESCRIPTION
The PBL3717A is a monolithic IC which controls and drives one phase of a bipolar stepper motor with chopper control of the phase current. Current levels may be selected in three steps by means of two logic inputs which select one of three current comparators. When both of these inputs are high the device is disabled. A separate logic input controls the direction of current flow.
A monostable, programmed by an external RC network, sets the current decay time.
The power section is a full H-bridge driver with four internal clamp diodes for current recirculation. An external connection to the lower emitters is available for the insertion of a sensing resistor. Two PBL3717As and few external components form a complete stepper motor drive subsystem.
The raccomended operating ambient temperature ranges is from 0 to 70 °C.
The PBL3717A is supplied in a 12 + 2 + 2 lead Powerdip package.

■ FULL STEP - HALF STEP - QUARTER STEP OPERATING MODE
■ BIPOLAR OUTPUT CURRENT UP TO 1 A
■ FROM 10 V UP TO 46 V MOTOR SUPPLY VOLTAGE
■ LOW SATURATION VOLTAGE WITH INTEGRATED BOOTSTRAP
■ BUILT IN FAST PROTECTION DIODES
■ EXTERNALLY SELECTABLE CURRENT LEVEL
■ OUTPUT CURRENT LEVEL DIGITALLY OR ANALOGUE CONTROLLED
■ THERMAL PROTECTION WITH SOFT INTERVENTION




Similar Part No. - PBL3717A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PBL3717A STMICROELECTRONICS-PBL3717A Datasheet
187Kb / 11P
STEPPER MOTOR DRIVER
Apr-1993
More results


Similar Description - PBL3717A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
UDN2916A STMICROELECTRONICS-UDN2916A Datasheet
128Kb / 8P
STEPPER MOTOR DRIVER
Nov-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com