Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8102 Datasheet (PDF) - STMicroelectronics

STV8102 Datasheet PDF - STMicroelectronics
Part # STV8102
Download  STV8102 Download
File Size   45.42 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 x 64 OLED passive matrix controller/driver

STV8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV8102 Datasheet PDF - STMicroelectronics

Part # STV8102
Download  STV8102 Click to download

File Size   45.42 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128 x 64 OLED passive matrix controller/driver

STV8102 Datasheet (HTML) - STMicroelectronics


STV8102 Product details

Description
The STV8102 is a low-power, controller/driver “combo” IC for Organic Light Emitting Diode (OLED) dot passive matrix display systems.The STV8102 supports black-an-white, monochrome displays of up to 128 columns by 64 rows.
The STV8102 provides all necessary functions in a single chip, including on-chip OLED supply control and bias current generators resulting in a minimum of external components and in very lowpower consumption.
The STV8102 communicates with the system via fully configurable interfaces (parallel, serial or I2C) to ease interfacing with the host microcontroller. The STV8102 has a set of control and status registers that can be addressed by the interfaces.

Features
■ Supports 128 x 64 dot matrix panels
■ Embedded DC/DC step-up converter
■ Display power supply up to 20V
■ Device power supply: 1.8 to 3.6V
■ Low-power consumption suitable for batteryoperated systems
■ Column source current: 508µA, max
■ Row sink current: 64mA
■ On-chip oscillator
■ Programmable multiplexing rate
■ Self adaptive panel addressing scheme
■ PowerMizer™ driving scheme
■ Brightness control with built-in aging compensation
■ Built-in display pattern generator
■ Selectable 8-bit parallel interface (68xx, 80xx series), serial peripheral interface and I²C interface
■ Embedded 128 x 64 x 1-bit display RAM
■ Row and column re-mapping
■ Screen saver mode




Similar Part No. - STV8102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8105 STMICROELECTRONICS-STV8105 Datasheet
43Kb / 3P
256 x 72 x 4-bit OLED passive matrix controller/driver
15-Jan-2007
STV8105/WPB STMICROELECTRONICS-STV8105/WPB Datasheet
43Kb / 3P
256 x 72 x 4-bit OLED passive matrix controller/driver
15-Jan-2007
More results


Similar Description - STV8102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8105 STMICROELECTRONICS-STV8105 Datasheet
43Kb / 3P
256 x 72 x 4-bit OLED passive matrix controller/driver
15-Jan-2007
logo
List of Unclassifed Man...
SSD1306 ETC2-SSD1306 Datasheet
1Mb / 65P
128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
logo
Vishay Siliconix
OLED-128O064A-LNP3N00000 VISHAY-OLED-128O064A-LNP3N00000 Datasheet
200Kb / 14P
128 x 64 Graphic OLED
15-Aug-17
OLED-128O064D-BPP3N00000 VISHAY-OLED-128O064D-BPP3N00000 Datasheet
353Kb / 25P
128 x 64 Graphic OLED
14-Dec-16
OLED-128O064F-WPP3N00000 VISHAY-OLED-128O064F-WPP3N00000 Datasheet
427Kb / 25P
128 x 64 Graphic OLED
14-Dec-16
OLED-128O064H-GPP3N00000 VISHAY-OLED-128O064H-GPP3N00000 Datasheet
446Kb / 25P
128 x 64 Graphic OLED
29-Jun-17
OLED-128O064H-LPP3N00000 VISHAY-OLED-128O064H-LPP3N00000 Datasheet
459Kb / 25P
128 x 64 Graphic OLED
29-Jun-17
OLED-128O064H-SPP3N00000 VISHAY-OLED-128O064H-SPP3N00000 Datasheet
415Kb / 25P
128 x 64 Graphic OLED
29-Jun-17
OLED-128O064H-WPP3N00000 VISHAY-OLED-128O064H-WPP3N00000 Datasheet
416Kb / 25P
128 x 64 Graphic OLED
29-Jun-17
OLED-128O064J-SPP3N00000 VISHAY-OLED-128O064J-SPP3N00000 Datasheet
377Kb / 23P
128 x 64 Graphic OLED
29-Jun-17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com