Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62C5181024 Datasheet (PDF) - Mosel Vitelic, Corp

V62C5181024 Datasheet PDF - Mosel Vitelic, Corp
Part # V62C5181024
Download  V62C5181024 Download
File Size   59.55 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128K X 8 STATIC RAM

V62C5181024 Datasheet (PDF)

Go To PDF Page Download Datasheet
V62C5181024 Datasheet PDF - Mosel Vitelic, Corp

Part # V62C5181024
Download  V62C5181024 Click to download

File Size   59.55 Kbytes
Page   12 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128K X 8 STATIC RAM

V62C5181024 Datasheet (HTML) - Mosel Vitelic, Corp


V62C5181024 Product details

Description
The V62C5181024 is a 1,048,576-bit random-access memory organized as 131,072 words by 8 bits. It is built with MOSEL VITELICs high performance CMOS process. Inputs and tree-state outputs are TTL compatible and allow for circuit interfacing with common system bus structures.

Features
■ High-speed: 35, 45, 55, 70 ns
■ Ultra low DC operating current of 20mA (max.)
   TTL Standby: 4mA (Max.)
   CMOS Standby: 60μA (Max.)
■ Fully static operation
■ All inputs and outputs directly compatible
■ Three state outputs
■ Ultra low datat retention current(VCC = 2V)
■ Single 5V ± 10% Power Supply




Similar Part No. - V62C5181024

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C5181024-1 MOSEL-V62C5181024-1 Datasheet
591Kb / 11P
128K X 8 STATIC RAM
logo
Samsung semiconductor
V62C5181024LL-70P SAMSUNG-V62C5181024LL-70P Datasheet
1Mb / 43P
2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results


Similar Description - V62C5181024

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
128K x 8 Static RAM
L7C109DMB45 LODEV-L7C109DMB45 Datasheet
724Kb / 15P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
128K x 8 Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com