Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9114 Datasheet (PDF) - Analog Devices

AD9114 Datasheet PDF - Analog Devices
Part # AD9114
Download  AD9114 Download
File Size   2447.98 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters

AD9114 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9114 Datasheet PDF - Analog Devices

Part # AD9114
Download  AD9114 Click to download

File Size   2447.98 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters

AD9114 Datasheet (HTML) - Analog Devices


AD9114 Product details

GENERAL DESCRIPTION
The AD9114/AD9115/AD9116/AD9117 are pin-compatible dual, 8-/10-/12-/14-bit, low power digital-to-analog converters (DACs) that provide a sample rate of 125 MSPS. These TxDAC® converters are optimized for the transmit signal path of communication systems. All the devices share the same interface, LFCSP, and pinout, providing an upward or downward component selection path based on performance, resolution, and cost.

FEATURES
    Power dissipation @ 3.3 V, 20 mA output 191 mW @ 10 MSPS 232 mW @ 125 MSPS
    Sleep mode: <3 mW @ 3.3 V
    Supply voltage: 1.8 V to 3.3 V
    SFDR to Nyquist 86 dBc @ 1 MHz output 85 dBc @ 10 MHz output
    AD9117 NSD @ 1 MHz output, 125 MSPS, 20mA: −162 dBc/Hz
    Differential current outputs: 4 mA to 20 mA
    Two on-chip auxiliary DACs
    CMOS inputs with single-port operation
    Output common mode: adjustable 0 V to 1.2 V
    Small footprint 40-lead LFCSP Pb-free package

APPLICATIONS
    Wireless infrastructures Picocell, femtocell base stations
    Medical instrumentation Ultrasound transducer excitation
    Portable instrumentation Signal generators, arbitrary waveform generators




Similar Part No. - AD9114

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9114-DPG2-EBZ AD-AD9114-DPG2-EBZ Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9114BCPZ AD-AD9114BCPZ Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9114BCPZRL7 AD-AD9114BCPZRL7 Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
AD9114 AD-AD9114_17 Datasheet
1Mb / 52P
Dual Low Power Digital-to-Analog Converters
12/2017-Rev. C to Rev. D
More results


Similar Description - AD9114

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9741 AD-AD9741 Datasheet
638Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com