Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P142SS10S Datasheet (PDF) - ELAN Microelectronics Corp

EM78P142SS10S Datasheet PDF - ELAN Microelectronics Corp
Part # EM78P142SS10S
Download  EM78P142SS10S Download
File Size   905.58 Kbytes
Page   96 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microprocessor with OTP ROM

EM78P142SS10S Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P142SS10S Datasheet PDF - ELAN Microelectronics Corp

Part # EM78P142SS10S
Download  EM78P142SS10S Click to download

File Size   905.58 Kbytes
Page   96 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microprocessor with OTP ROM

EM78P142SS10S Datasheet (HTML) - ELAN Microelectronics Corp


EM78P142SS10S Product details

General Description

The EM78P142 is an 8-bit microprocessor designed and developed with low-power and high-speed CMOS technology. The series have an on-chip 2K×13-bit Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides a protection bit to prevent intrusion of user’s OTP memory code. Three Code option bits are also available to meet user’s requirements.

With enhanced OTP-ROM features, the EM78P142 provide a convenient way of developing and verifying user’s programs. Moreover, this OTP device offers the advantages of easy and effective program updates, using development and programming tools. User can avail of the ELAN Writer to easily program his development code.



Features

■ CPU configuration

   • 2K×13 bits on-chip ROM

   • 80×8 bits on-chip registers (SRAM)

   • 8-level stacks for subroutine nesting

   • 4 programmable Level Voltage Detector

      (LVD) : 4.5V, 4.0V, 3.3V, 2.2V

   • 3 programmable Level Voltage Reset

      (LVR) : 4.0V, 3.5V, 2.4V

   • Less than 1.5 mA at 5V/4MHz

   • Typically 15 µA, at 3V/32kHz

   • Typically 2 µA, during sleep mode

■ I/O port configuration

   • 3 bidirectional I/O ports: P5, P6, P7

   • 8 I/O pins

   • Wake-up port : P5

   • 5 programmable pull-down I/O pins

   • 6 programmable pull-high I/O pins

   • 1 programmable open-drain I/O pins

■ Operating voltage range:

   • 2.1V~5.5V at 0°C~70°C (commercial)

   • 2.3V~5.5V at -40°C~85°C (industrial)

■ Operating frequency range (base on 2 clocks):

   • Crystal mode: DC ~ 16MHz, 4.5V;

      DC ~ 8MHz, 3V; DC ~ 4MHz, 2.1V

   • ERC mode: DC ~ 16MHz, 4.5V;

      DC ~ 125ns inst. cycle, 4.5V

      DC ~ 8MHz, 3V; DC ~ 250ns inst. cycle, 3V

   • IRC mode

      Oscillation mode: 16MHz, 4MHz, 1MHz, 455kHz

■ All the four main frequencies can be trimmed by programming with four calibrated bits in the ICE341N Simulator. OTP is auto trimmed by ELAN Writer.

■ Fast set-up time requires only 0.8ms (VDD: 5V Crystal: 4MHz, C1/C2: 30pF) in HXT2 mode and 10µs in IRC mode (VDD: 5V, IRC: 4 MHz)

■ Peripheral configuration

   • Easily implemented IR (infrared remote control)

   • 8-bit real time clock (TCC) with overflow interrupt

   • 8-bit real time clock (TCCA, TCCC) and 16-bit real time clock (TCCB) with overflow interrupt

   • 7-bit multi-channel Analog-to-Digital Converter with 12-bit resolution in Vref mode

■ Five available interrupts

   • TCC, TCCA, TCCB, TCCC overflow interrupt

   • Input-port status changed interrupt (wake up from sleep mode)

   • ADC completion interrupt

   • IR/PWM period match completion

   • Low voltage detect (LVD) interrupt

■ Special Features:

   • Programmable free running Watchdog Timer (4.5 ms : 18 ms)

   • Power saving Sleep mode

   • Selectable Oscillation mode

   • Power-on voltage detector available (1.7V ± 0.1V)

   • High EFT immunity (better performance at 4 MHz or below)

■ Package Type:

• 10 pin SSOP 150mil : EM78P142SS10J/S

Note: Green products do not contain hazardous .substances.



 




Similar Part No. - EM78P142SS10S

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P143 EMC-EM78P143 Datasheet
2Mb / 96P
8-Bit Microprocessor with OTP ROM
EM78P143MS10J/S EMC-EM78P143MS10J/S Datasheet
2Mb / 96P
8-Bit Microprocessor with OTP ROM
EM78P143SO14J EMC-EM78P143SO14J Datasheet
2Mb / 96P
8-Bit Microprocessor with OTP ROM
More results


Similar Description - EM78P142SS10S

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P258N EMC-EM78P258N Datasheet
1Mb / 81P
8-Bit Microprocessor with OTP ROM
EM78P417N EMC-EM78P417N Datasheet
1Mb / 84P
8-Bit Microprocessor with OTP ROM
EM78P510N EMC-EM78P510N Datasheet
2Mb / 116P
8-Bit Microprocessor with OTP ROM
EM78P350N EMC-EM78P350N Datasheet
1Mb / 110P
8-Bit Microprocessor with OTP ROM
EM78P346N EMC-EM78P346N Datasheet
1Mb / 96P
8-Bit Microprocessor with OTP ROM
EM78P341 EMC-EM78P341 Datasheet
1Mb / 102P
8-Bit Microprocessor with OTP ROM
EM78P330 EMC-EM78P330 Datasheet
1,020Kb / 112P
8-Bit Microprocessor with OTP ROM
EM78P342N EMC-EM78P342N Datasheet
3Mb / 118P
8-Bit Microprocessor with OTP ROM
EM78P520N EMC-EM78P520N Datasheet
3Mb / 124P
8-Bit Microprocessor with OTP ROM
EM78P528N EMC-EM78P528N Datasheet
4Mb / 164P
8-Bit Microprocessor with OTP ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com