Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD4184 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD4184 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD4184
Download  AOD4184 Download
File Size   107.24 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Plastic Encapsulated Device

AOD4184 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD4184 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD4184
Download  AOD4184 Click to download

File Size   107.24 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Plastic Encapsulated Device

AOD4184 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD4184 Product details

General Description

The AOD4184/AOI4184 used advanced trench technology and design to provide excellent RDS(ON)with low gate charge. With the excellent thermal resistance of the DPAK package, those devices are well suited for high current load applications.



Product Summary

VDS 40V

ID(at VGS=10V) 50A

RDS(ON)(at VGS=10V) < 8mΩ

RDS(ON) (at VGS= 4.5V) < 11mΩ




Similar Part No. - AOD4184

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD4184 AOSMD-AOD4184 Datasheet
292Kb / 6P
40V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOD4184 VBSEMI-AOD4184 Datasheet
1,005Kb / 8P
N-Channel 4 -V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD4184 ISC-AOD4184 Datasheet
293Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD4184 DOINGTER-AOD4184 Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AOD4184A AOSMD-AOD4184A Datasheet
237Kb / 6P
40V N-Channel MOSFET
More results


Similar Description - AOD4184

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP605 AOSMD-AOP605_06 Datasheet
107Kb / 5P
Plastic Encapsulated Device
AOZ8000CI AOSMD-AOZ8000CI Datasheet
121Kb / 4P
Plastic Encapsulated Device
AOD456A AOSMD-AOD456A Datasheet
108Kb / 5P
Plastic Encapsulated Device
AOW20C60 AOSMD-AOW20C60 Datasheet
83Kb / 3P
Plastic Encapsulated Device
AOTF260L AOSMD-AOTF260L Datasheet
39Kb / 3P
Plastic Encapsulated Device
AOTF10T60 AOSMD-AOTF10T60 Datasheet
79Kb / 3P
Plastic Encapsulated Device
AOTF7N60FD AOSMD-AOTF7N60FD Datasheet
80Kb / 3P
Plastic Encapsulated Device
AON6554 AOSMD-AON6554 Datasheet
93Kb / 3P
Plastic Encapsulated Device
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
Plastic Encapsulated Device
AON1610 AOSMD-AON1610 Datasheet
60Kb / 3P
Plastic Encapsulated Device
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com