Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACVX1220 Datasheet (PDF) - Abracon Corporation

ACVX1220 Datasheet PDF - Abracon Corporation
Part # ACVX1220_07
Download  ACVX1220 Download
File Size   289.54 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR

ACVX1220 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACVX1220 Datasheet PDF - Abracon Corporation

Part # ACVX1220_07
Download  ACVX1220 Click to download

File Size   289.54 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR

ACVX1220 Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACVX1220_07

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220-D-C-S-N05 ABRACON-ACVX1220-D-C-S-N05 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-C-S-N15 ABRACON-ACVX1220-D-C-S-N15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-C-S1-N05 ABRACON-ACVX1220-D-C-S1-N05 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-H-S-N05 ABRACON-ACVX1220-D-H-S-N05 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220-D-H-S-N15 ABRACON-ACVX1220-D-H-S-N15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
More results


Similar Description - ACVX1220_07

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1224 ABRACON-ACVX1224 Datasheet
509Kb / 1P
HIGH FREQUENCY INVERTED MESA TTL / CMOS FULL-SIZE DIP 5VDC VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1222 ABRACON-ACVX1222_08 Datasheet
166Kb / 2P
TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
04.11.08
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com