Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5NC50FP Datasheet (PDF) - STMicroelectronics

P5NC50FP Datasheet PDF - STMicroelectronics
Part # P5NC50FP
Download  P5NC50FP Download
File Size   534.01 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET

P5NC50FP Datasheet (PDF)

Go To PDF Page Download Datasheet
P5NC50FP Datasheet PDF - STMicroelectronics

Part # P5NC50FP
Download  P5NC50FP Click to download

File Size   534.01 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET

P5NC50FP Datasheet (HTML) - STMicroelectronics


P5NC50FP Product details

DESCRIPTION

The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™.The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the lead ing edge for what concerns swithing speed, gate

charge and ruggedness.



■ TYPICAL RDS(on) = 1.3Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ 100% AVALANCHE TESTED

■ NEW HIGH VOLTAGE BENCHMARK

■ GATE CHARGE MINIMIZED



APPLICATIONS

■ HIGH CURRENT, HIGH SPEED SWITCHING

■ SWITH MODE POWER SUPPLIES (SMPS)

■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVES



 




Similar Part No. - P5NC50FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P5NC70Z STMICROELECTRONICS-P5NC70Z Datasheet
348Kb / 12P
N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
More results


Similar Description - P5NC50FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB6NB50 STMICROELECTRONICS-STB6NB50 Datasheet
92Kb / 9P
N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
Nov-1999
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
Jan-2003
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Nov-2003
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™III MOSFET
Dec-2002
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com