Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS1842.5S4 Datasheet (PDF) - Abracon Corporation

AFS1842.5S4 Datasheet PDF - Abracon Corporation
Part # AFS1842.5S4
Download  AFS1842.5S4 Download
File Size   77.92 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1842.5MHz SAW FILTER

AFS1842.5S4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS1842.5S4 Datasheet PDF - Abracon Corporation

Part # AFS1842.5S4
Download  AFS1842.5S4 Click to download

File Size   77.92 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 1842.5MHz SAW FILTER

AFS1842.5S4 Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS1842.5S4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
SMD 1842.5MHz SAW FILTER
More results


Similar Description - AFS1842.5S4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
SMD 1842.5MHz SAW FILTER
logo
ECS, Inc.
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
SMD SAW FILTER
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
SMD SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA1843A TAI-SAW-TA1843A Datasheet
613Kb / 10P
SAW Filter 1842.5MHz 75MHz BW Band 3 Rx SMD 1.1횞0.9mm
TA1843B TAI-SAW-TA1843B Datasheet
556Kb / 10P
SAW Rx Filter 1842.5MHz LTE Band 3 SMD 1109 (75MHz BW)
TA1843D TAI-SAW-TA1843D Datasheet
420Kb / 8P
SAW Rx Filter 1842.5MHz LTE Band 3 SMD 1109 (75MHz BW)
TA1857A TAI-SAW-TA1857A Datasheet
817Kb / 11P
SAW Rx Filter 1842.5MHz LTE Band 3 SMD 1109 (75MHz BW)
TA1857D TAI-SAW-TA1857D Datasheet
451Kb / 9P
SAW Rx Filter 1842.5MHz LTE Band 3 SMD 1109 (75MHz BW)
TF0135A TAI-SAW-TF0135A Datasheet
585Kb / 14P
SAW DPX 1747.5/1842.5MHz LTE Band 3 SMD 1814 (74.7/74.7MHz BW)
TF0229AA0033 TAI-SAW-TF0229AA0033 Datasheet
736Kb / 12P
SAW Duplexer 1747.5/1842.5MHz BW 74.7/74.7MHz SMD 1.6x1.2mm
REV. NO.:1.0
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com