Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEM Datasheet (PDF) - Abracon Corporation

ASEM Datasheet PDF - Abracon Corporation
Part # ASEM
Download  ASEM Download
File Size   259.83 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR

ASEM Datasheet (PDF)

Go To PDF Page Download Datasheet
ASEM Datasheet PDF - Abracon Corporation

Part # ASEM
Download  ASEM Click to download

File Size   259.83 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR

ASEM Datasheet (HTML) - Abracon Corporation


ASEM Product details

FEATURES:

• Ultra Miniature Pure Silicon Clock Oscillator

• MEMS Technologyby Discera

• LowPower Consumption <10mA

• Exceptional Stability Over Temp. at -40 to +85°C.

• Low Cost-Compact QFN Plastic Packaging

• Compact Package design

• Available over Extended Operating Temperature

• Capable of surviving up-to 30kg Mechanical Shock (see note #1)



APPLICATIONS:

• CCD Clock for VTR Camera

• Equipment Connected to PCs

• Low Profile Equipment

• Computers and Peripherals

• Lower Cost Crystal Oscillator Replacement

• Portable Electronics (MP3 Players, Games)

• Consumer Electronics such as TV’s, DVR’s, etc.

• Vibrant, Shock-Prone & Humid Environments for Industrial Equipment

• Demanding Military & Automotive Electronics




Similar Part No. - ASEM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEM1 ABRACON-ASEM1 Datasheet
102Kb / 1P
ULTRA MINIATURE PURE SILICON CLOCK OSCILLATORS
08.22.07
ASEM1-12.000MHZ-EC-T ABRACON-ASEM1-12.000MHZ-EC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
10.21.13
ASEM1-12.000MHZ-EC-T3 ABRACON-ASEM1-12.000MHZ-EC-T3 Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
10.21.13
ASEM1-12.000MHZ-EC-T5 ABRACON-ASEM1-12.000MHZ-EC-T5 Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
10.21.13
ASEM1-12.000MHZ-ER-T ABRACON-ASEM1-12.000MHZ-ER-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
10.21.13
More results


Similar Description - ASEM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASFLM ABRACON-ASFLM_08 Datasheet
254Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
ASEM1-12.000MHZ-LC-T ABRACON-ASEM1-12.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
10.21.13
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com