Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSZT-CV Datasheet (PDF) - Abracon Corporation

AWSZT-CV Datasheet PDF - Abracon Corporation
Part # AWSZT-CV
Download  AWSZT-CV Download
File Size   1209.16 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 3.7 x 3.1 mm SMD CERAMIC RESONATOR

AWSZT-CV Datasheet (PDF)

Go To PDF Page Download Datasheet
AWSZT-CV Datasheet PDF - Abracon Corporation

Part # AWSZT-CV
Download  AWSZT-CV Click to download

File Size   1209.16 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 3.7 x 3.1 mm SMD CERAMIC RESONATOR

AWSZT-CV Datasheet (HTML) - Abracon Corporation




Similar Part No. - AWSZT-CV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CP ABRACON-AWSZT-CP Datasheet
638Kb / 4P
2-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
More results


Similar Description - AWSZT-CV

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
logo
Abracon Corporation
AWSCR_CV ABRACON-AWSCR_CV Datasheet
1Mb / 3P
3.7 x 3.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
09.13.10
logo
ILSI America LLC
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
logo
Abracon Corporation
AWSZT-11.00CV-T ABRACON-AWSZT-11.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-16.00CV-T ABRACON-AWSZT-16.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-16.93CV-T ABRACON-AWSZT-16.93CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-27.00CV-T ABRACON-AWSZT-27.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-32.00CV-T ABRACON-AWSZT-32.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-50.00CV-T ABRACON-AWSZT-50.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
logo
Transko Electronics, In...
3ZTTCV_ZTACV TRANSKO-3ZTTCV_ZTACV Datasheet
407Kb / 1P
CERAMIC RESONATORS (3.7 X 3.1 X 1.2mm)
Rev.1: Jul. 2014
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com