Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6611PBF Datasheet (PDF) - International Rectifier

IRF6611PBF Datasheet PDF - International Rectifier
Part # IRF6611PBF
Download  IRF6611PBF Download
File Size   266.52 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DirectFET Power MOSFET

IRF6611PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF6611PBF Datasheet PDF - International Rectifier

Part # IRF6611PBF
Download  IRF6611PBF Click to download

File Size   266.52 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DirectFET Power MOSFET

IRF6611PBF Datasheet (HTML) - International Rectifier


IRF6611PBF Product details

Description
The IRF6611PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.7 mm profile. The DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques. Application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.

 • RoHs Compliant
 • Lead-Free (Qualified up to 260°C Reflow)
 • Application Specific MOSFETs
 • Ideal for CPU Core DC-DC Converters
 • Low Conduction Losses
 • High Cdv/dt Immunity
 • Low Profile (<0.7mm)
 • Dual Sided Cooling Compatible
 • Compatible with existing Surface Mount Techniques




Similar Part No. - IRF6611PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6611PBF IRF-IRF6611PBF Datasheet
267Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
Ideal for CPU Core DC-DC Converters
More results


Similar Description - IRF6611PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
DirectFET Power MOSFET
AUIRF7665S2TR IRF-AUIRF7665S2TR Datasheet
348Kb / 11P
DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
DirectFET Power MOSFET
IRF6727MPBF IRF-IRF6727MPBF_09 Datasheet
264Kb / 9P
DirectFET Power MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
DirectFETPower MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
DirectFETPower MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com