Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ120C Datasheet (PDF) - UNIOHM CORPORATION

SMCJ120C Datasheet PDF - UNIOHM CORPORATION
Part # SMCJ120C
Download  SMCJ120C Download
File Size   359.81 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMCJ120C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ120C Datasheet PDF - UNIOHM CORPORATION

Part # SMCJ120C
Download  SMCJ120C Click to download

File Size   359.81 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMCJ120C Datasheet (HTML) - UNIOHM CORPORATION


SMCJ120C Product details

FEATURES
* For surface mount application
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 μA above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds at terminals




Similar Part No. - SMCJ120C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ120C BYTES-SMCJ120C Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
SMCJ120C MICROSEMI-SMCJ120C Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ120C VISHAY-SMCJ120C Datasheet
43Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
logo
DAESAN ELECTRONIC CORP.
SMCJ120C DAESAN-SMCJ120C Datasheet
709Kb / 4P
POWER 1500Watts VOLTAGE 5.0 to 188 Volts
logo
SeCoS Halbleitertechnol...
SMCJ120C SECOS-SMCJ120C Datasheet
430Kb / 4P
1500W Peak Power Surface Mount TVS
More results


Similar Description - SMCJ120C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com